Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 124 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 124 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 120Page - Cirrus Logic WM8281ECS/R Datasheet HTML 121Page - Cirrus Logic WM8281ECS/R Datasheet HTML 122Page - Cirrus Logic WM8281ECS/R Datasheet HTML 123Page - Cirrus Logic WM8281ECS/R Datasheet HTML 124Page - Cirrus Logic WM8281ECS/R Datasheet HTML 125Page - Cirrus Logic WM8281ECS/R Datasheet HTML 126Page - Cirrus Logic WM8281ECS/R Datasheet HTML 127Page - Cirrus Logic WM8281ECS/R Datasheet HTML 128Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 392 page
background image
WM8281
124
Rev 4.0
When DSPn_MEM_ENA = 0, the DSP firmware memory is disabled (and the contents lost) when
DSPn_SYS_ENA = 0. It is also disabled during Hardware Reset and Software Reset. Power
consumption is reduced when the memory is disabled, but the DSP firmware must then be reloaded
when required.
Note that the DSP firmware memory is always cleared under Power-On Reset (POR)
and ‘Sleep’
mode conditions.
See the “Applications Information” section for a summary of the WM8281 memory
reset conditions.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R4352
(1100h)
DSP1
Control 1
4
DSP1_MEM_EN
A
1
DSP1 Memory Control
0 = DSP1 memory is cleared when
DSP1_SYS_ENA=0, and during Hardware
Reset or Software Reset.
1 = DSP1 memory is retained when
DSP1_SYS_ENA=0. DSP1 memory is
retained during Hardware Reset and
Software Reset.
2
DSP1_SYS_ENA
0
DSP1 Clock Enable
0 = Disabled
1 = Enabled
The DSP1 Clock must be enabled for
DSP1 firmware register access, code
execution, or DMA operation.
The DSP1 Core must be reset (by writing
DSP1_CORE_ENA=0) when disabling the
DSP1 Clock.
R4353
(1101h)
DSP1
Clocking 1
2:0
DSP1_CLK_SEL
[2:0]
000
DSP1 Clock Frequency Select
000 = 6.144MHz (5.6448MHz)
001 = 12.288MHz (11.2896MHz)
010 = 24.576MHz (22.5792MHz)
011 = 49.152MHz (45.1584MHz)
100 = 73.728MHz (67.7376MHz)
101 = 98.304MHz (90.3168MHz)
110 = 147.456MHz (135.4752MHz)
111 = Reserved
The DSP1 Clock must be less than or
equal to the SYSCLK frequency. The
frequencies must also be integer-related
(eg. divide by 1, 2, 3 etc.).
The frequencies in brackets apply for
44.1kHz-related sample rates only (ie.
SAMPLE_RATE_n = 01XXX).
R4356
(1104h)
DSP1
Status 1
0
DSP1_RAM_RD
Y
0
DSP1 Memory Status
0 = Not ready
1 = Ready
Note - DSP1 memory should not be
accessed until this bit has been set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com