Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 194 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 194 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 190Page - Cirrus Logic WM8281ECS/R Datasheet HTML 191Page - Cirrus Logic WM8281ECS/R Datasheet HTML 192Page - Cirrus Logic WM8281ECS/R Datasheet HTML 193Page - Cirrus Logic WM8281ECS/R Datasheet HTML 194Page - Cirrus Logic WM8281ECS/R Datasheet HTML 195Page - Cirrus Logic WM8281ECS/R Datasheet HTML 196Page - Cirrus Logic WM8281ECS/R Datasheet HTML 197Page - Cirrus Logic WM8281ECS/R Datasheet HTML 198Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 392 page
background image
WM8281
194
Rev 4.0
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1070
(042Eh
DAC
Volume
Limit 4R
7:0
OUT4R_VOL_LI
M [7:0]
81h
Output Path 4 (Right) Digital Limit
-6dBFS to +6dBFS in 0.5dB steps
00h to 73h = Reserved
74h = -6.0dBFS
75h = -5.5dBFS
… (0.5dB steps)
80h = 0.0dBFS
… (0.5dB steps)
8Bh = +5.5dBFS
8Ch = +6.0dBFS
8Dh to FFh = Reserved
(see Table 67 for limit range)
R1074
(0432h
DAC
Volume
Limit 5L
7:0
OUT5L_VOL_LIM
[7:0]
81h
Output Path 5 (Left) Digital Limit
-6dBFS to +6dBFS in 0.5dB steps
00h to 73h = Reserved
74h = -6.0dBFS
75h = -5.5dBFS
… (0.5dB steps)
80h = 0.0dBFS
… (0.5dB steps)
8Bh = +5.5dBFS
8Ch = +6.0dBFS
8Dh to FFh = Reserved
(see Table 67 for limit range)
R1078
(0436h
DAC
Volume
Limit 5R
7:0
OUT5R_VOL_LI
M [7:0]
81h
Output Path 5 (Right) Digital Limit
-6dBFS to +6dBFS in 0.5dB steps
00h to 73h = Reserved
74h = -6.0dBFS
75h = -5.5dBFS
… (0.5dB steps)
80h = 0.0dBFS
… (0.5dB steps)
8Bh = +5.5dBFS
8Ch = +6.0dBFS
8Dh to FFh = Reserved
(see Table 67 for limit range)
R1082
(043Ah
DAC
Volume
Limit 6L
7:0
OUT6L_VOL_LIM
[7:0]
81h
Output Path 6 (Left) Digital Limit
-6dBFS to +6dBFS in 0.5dB steps
00h to 73h = Reserved
74h = -6.0dBFS
75h = -5.5dBFS
… (0.5dB steps)
80h = 0.0dBFS
… (0.5dB steps)
8Bh = +5.5dBFS
8Ch = +6.0dBFS
8Dh to FFh = Reserved
(see Table 67 for limit range)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com