Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 196 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 196 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 192Page - Cirrus Logic WM8281ECS/R Datasheet HTML 193Page - Cirrus Logic WM8281ECS/R Datasheet HTML 194Page - Cirrus Logic WM8281ECS/R Datasheet HTML 195Page - Cirrus Logic WM8281ECS/R Datasheet HTML 196Page - Cirrus Logic WM8281ECS/R Datasheet HTML 197Page - Cirrus Logic WM8281ECS/R Datasheet HTML 198Page - Cirrus Logic WM8281ECS/R Datasheet HTML 199Page - Cirrus Logic WM8281ECS/R Datasheet HTML 200Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 392 page
background image
WM8281
196
Rev 4.0
OUTPUT SIGNAL PATH NOISE GATE CONTROL
The WM8281 provides a digital noise gate function for each of the output signal paths. The noise gate
ensures best noise performance when the signal path is idle. When the noise gate is enabled, and the
applicable signal level is below the noise gate threshold, then the noise gate is activated, causing the
signal path to be muted.
The noise gate function is enabled using the NGATE_ENA register, as described in Table 68.
For each output path, the noise gate may be associated with one or more of the signal path threshold
detection functions using the _NGATE_SRC register fields. When more than one signal threshold is
selected, then the output path noise gate is only activated (ie. muted) when all of the respective signal
thresholds are satisfied.
For example, if the OUT1L noise gate is associated with the OUT1L and OUT1R signal paths, then
the OUT1L signal path will only be muted if both the OUT1L and OUT1R signal levels are below the
respective thresholds.
The noise gate threshold (the signal level below which the noise gate is activated) is set using
NGATE_THR. Note that, for each output path, the noise gate threshold represents the signal level at
the respective output pin(s) - the threshold is therefore independent of the digital volume and PGA
gain settings.
Note that, although there is only one noise gate threshold level (NGATE_THR), each of the output
path noise gates may be activated independently, according to the respective signal content and the
associated threshold configuration(s).
To prevent erroneous triggering, a time delay is applied before the gate is activated; the noise gate is
only activated (ie. muted) when the output levels are below the applicable signal level threshold(s) for
longer than the noise gate
‘hold time’. The ‘hold time’ is set using the NGATE_HOLD register.
When the noise gate is activated, the WM8281 gradually attenuates the respective signal path at the
rate set by the OUT_VD_RAMP register (see Table 64). When the noise gate is de-activated, the
output volume increases at the rate set by the OUT_VI_RAMP register.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1043
(0413h)
Noise
Gate
Select 1L
11:0
OUT1L_NGATE_
SRC [11:0]
001h
Output Signal Path Noise Gate Source
Enables one of more signal paths as
inputs to the respective noise gate.
If more than one signal path is enabled as
an input, the noise gate is only activated
(ie. muted) when all of the respective
signal thresholds are satisfied.
[11] = OUT6R
[10] = OUT6L
[9] = OUT5R
[8] = OUT5L
[7] = OUT4R
[6] = OUT4L
[5] = OUT3R
[4] = OUT3L
[3] = OUT2R
[2] = OUT2L
[1] = OUT1R
[0] = OUT1L
Each bit is coded as:
0 = Disabled
1 = Enabled
R1047
(0417h)
Noise
Gate
Select 1R
11:0
OUT1R_NGATE_
SRC [11:0]
002h
R1051
(041Bh)
Noise
Gate
Select 2L
11:0
OUT2L_NGATE_
SRC [11:0]
004h
R1055
(041Fh)
Noise
Gate
Select 2R
11:0
OUT2R_NGATE_
SRC [11:0]
008h
R1059
(0423h)
Noise
Gate
Select 3L
11:0
OUT3L_NGATE_
SRC [11:0]
010h
R1063
(0427h)
Noise
Gate
Select 3R
11:0
OUT3R_NGATE_
SRC [11:0]
020h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com