Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 198 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 198 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 194Page - Cirrus Logic WM8281ECS/R Datasheet HTML 195Page - Cirrus Logic WM8281ECS/R Datasheet HTML 196Page - Cirrus Logic WM8281ECS/R Datasheet HTML 197Page - Cirrus Logic WM8281ECS/R Datasheet HTML 198Page - Cirrus Logic WM8281ECS/R Datasheet HTML 199Page - Cirrus Logic WM8281ECS/R Datasheet HTML 200Page - Cirrus Logic WM8281ECS/R Datasheet HTML 201Page - Cirrus Logic WM8281ECS/R Datasheet HTML 202Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 392 page
background image
WM8281
198
Rev 4.0
OUTPUT SIGNAL PATH AEC LOOPBACK
The WM8281 incorporates loopback signal path, which is ideally suited as a reference for Acoustic
Echo Cancellation (AEC) processing. Any of the output signal paths may be selected as the AEC
loopback source.
When configured with suitable DSP firmware, the WM8281 can provide an integrated AEC capability.
The AEC loopback feature also enables convenient hook-up to an external device for implementing
the required signal processing algorithms.
The AEC Loopback source is connected after the respective digital volume controls, as illustrated in
Figure 56. The AEC Loopback signal can be selected as input to any of the digital mixers within the
WM8281 digital core. The sample rate for the AEC Loopback path is configured using the OUT_RATE
register - see Table 23
within the “Digital Core” section.
The AEC loopback function is enabled using the AEC_LOOPBACK_ENA register. The source signal
for the Transmit Path AEC function is selected using the AEC_LOOPBACK_SRC register.
The WM8281 performs automatic checks to confirm that the SYSCLK frequency is high enough to
support the AEC Loopback function. If an attempt is made to enable this function, and there are
insufficient SYSCLK cycles to support it, then the attempt will be unsuccessful. (Note that any signal
paths that are already active will not be affected under these circumstances.)
The Underclocked Error condition can be monitored using the GPIO and/or Interrupt functions. See
“General Purpose Input / Output” and “Interrupts” for further details.
The AEC_ENA_STS register indicates the status of the AEC Loopback function. If an Underclocked
Error condition occurs, then this bit can provide indication of whether the AEC Loopback function has
been successfully enabled.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1104
(0450h)
DAC AEC
Control 1
5:2
AEC_LOOPBAC
K_SRC [3:0]
0000
Input source for Tx AEC function
0000 = OUT1L
0001 = OUT1R
0010 = OUT2L
0011 = OUT2R
0100 = OUT3L
0101 = OUT3R
0110 = OUT4L
0111 = OUT4R
1000 = OUT5L
1001 = OUT5R
1010 = OUT6L
1011 = OUT6R
All other codes are Reserved
1
AEC_ENA_STS
0
Transmit (Tx) Path AEC Control Status
0 = Disabled
1 = Enabled
0
AEC_LOOPBAC
K_ENA
0
Transmit (Tx) Path AEC Control
0 = Disabled
1 = Enabled
Table 69 Output Signal Path AEC Loopback Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com