Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 202 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 202 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 198Page - Cirrus Logic WM8281ECS/R Datasheet HTML 199Page - Cirrus Logic WM8281ECS/R Datasheet HTML 200Page - Cirrus Logic WM8281ECS/R Datasheet HTML 201Page - Cirrus Logic WM8281ECS/R Datasheet HTML 202Page - Cirrus Logic WM8281ECS/R Datasheet HTML 203Page - Cirrus Logic WM8281ECS/R Datasheet HTML 204Page - Cirrus Logic WM8281ECS/R Datasheet HTML 205Page - Cirrus Logic WM8281ECS/R Datasheet HTML 206Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 392 page
background image
WM8281
202
Rev 4.0
When the OUT6L or OUT6R output signal path is enabled, the PDM interface clock signal is output on
the SPKCLK2 pin.
The output signal paths support normal and high performance operating modes, as described in the
“Output Signal Path” section. The SPKCLKn frequency is set according to the operating mode of the
relevant output path, as described in Table 72. The OUT5_OSR and OUT6_OSR register bits are
defined in Table 63.
Note that the SPKCLKn frequencies noted in Table 72 and Table 73 assume that the SYSCLK
frequency is a multiple of 6.144MHz (SYSCLK_FRAC=0). If the SYSCLK frequency is a multiple of
5.6448MHz (SYSCLK_FRAC=1), then the SPKCLKn frequencies will be scaled accordingly.
OUT5_OSR
DESCRIPTION
SPKCLK1 FREQUENCY
0
Normal mode
3.072MHz
1
High Performance mode
6.144MHz
Table 72 SPKCLK1 Frequency
OUT6_OSR
DESCRIPTION
SPKCLK2 FREQUENCY
0
Normal mode
3.072MHz
1
High Performance mode
6.144MHz
Table 73 SPKCLK2 Frequency
The PDM output channels can be independently muted. When muted, the default output on each
channel is a DSD-compliant silent stream (0110_1001b). The mute output code can be programmed
to other values if required, using the SPKn_MUTE_SEQ register fields. The mute output code can be
transmitted MSB-first or LSB-first; this is selectable using the SPKn_MUTE_ENDIAN register.
Note that the PDM Mute function is not a soft-mute; the audio output is interrupted immediately when
the PDM mute is asserted. It is recommended to use the Output Signal Path mute function before
applying the PDM mute. See Table 64 for details of the OUTnL_MUTE and OUTnR_MUTE registers.
The PDM output interface registers are described in Table 74.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1168
(0490h)
PDM
SPK1
CTRL 1
13
SPK1R_MUTE
0
PDM Speaker Output 1 (Right) Mute
0 = Audio output (OUT5R)
1 = Mute Sequence output
12
SPK1L_MUTE
0
PDM Speaker Output 1 (Left) Mute
0 = Audio output (OUT5L)
1 = Mute Sequence output
8
SPK1_MUTE_EN
DIAN
0
PDM Speaker Output 1 Mute Sequence
Control
0 = Mute sequence is LSB first
1 = Mute sequence output is MSB first
7:0
SPK1_MUTE_SE
Q [7:0]
69h
PDM Speaker Output 1 Mute Sequence
Defines the 8-bit code that is output on
SPKDAT1 (left) or SPKDAT1 (right) when
muted.
R1169
(0491h)
PDM
SPK1
CTRL 2
0
SPK1_FMT
0
PDM Speaker Output 1 timing format
0 = Mode A (PDM data is valid at the
rising/falling edges of SPKCLK1)
1 = Mode B (PDM data is valid during the
high/low phase of SPKCLK1)
R1170
(0492h)
PDM
SPK2
CTRL 1
13
SPK2R_MUTE
0
PDM Speaker Output 2 (Right) Mute
0 = Audio output (OUT6R)
1 = Mute Sequence output
12
SPK2L_MUTE
0
PDM Speaker Output 2 (Left) Mute
0 = Audio output (OUT6L)
1 = Mute Sequence output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com