Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 201 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 201 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 197Page - Cirrus Logic WM8281ECS/R Datasheet HTML 198Page - Cirrus Logic WM8281ECS/R Datasheet HTML 199Page - Cirrus Logic WM8281ECS/R Datasheet HTML 200Page - Cirrus Logic WM8281ECS/R Datasheet HTML 201Page - Cirrus Logic WM8281ECS/R Datasheet HTML 202Page - Cirrus Logic WM8281ECS/R Datasheet HTML 203Page - Cirrus Logic WM8281ECS/R Datasheet HTML 204Page - Cirrus Logic WM8281ECS/R Datasheet HTML 205Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 392 page
background image
WM8281
Rev 4.0
201
WM8281
SPKOUTLN
SPKOUTLP
Left
SPKOUTRN
SPKOUTRP
Right
Figure 58 Speaker Connection
SPEAKER OUTPUTS (DIGITAL PDM)
The WM8281 supports a four-channel Pulse Density Modulation (PDM) digital speaker interface; the
PDM outputs are associated with the OUT5L, OUT5R, OUT6L and OUT6R output signal paths.
The PDM digital speaker interface comprises two stereo interfaces; the operation of one interface is
illustrated in Figure 59.
The OUT5L and OUT5R output signal paths are interleaved on the SPKDAT1 output pin, and clocked
using SPKCLK1. The OUT6L and OUT6R output signal paths are interleaved on the SPKDAT2 output
pin, and clocked using SPKCLK2.
Note that the PDM interface supports two different operating modes; these are selected using the
SPK1_FMT and SPK2_FMT register bits
. See “Signal Timing Requirements” for detailed timing
information in both modes.
When SPKn_FMT = 0 (Mode A), then the Left PDM channel is valid at the rising edge of SPKCLK; the
Right PDM channel is valid at the falling edge of SPKCLK.
When SPKn_FMT = 1 (Mode B), then the Left PDM channel is valid during the low phase of SPKCLK;
the Right PDM channel is valid during the high phase of SPKCLK.
SPKCLK output (Mode A)
SPKDAT output
(left & right channels interleaved)
1
2
1
2
1
2
Left channel output
1
1
1
Right channel output
2
2
2
SPKCLK output (Mode B)
Figure 59 Digital Speaker (PDM) Interface Timing
Clocking for the PDM interface is derived from SYSCLK. Note that the SYSCLK_ENA register must
also be set. See “Clocking and Sample Rates” for further details of the system clocks and control
registers.
When the OUT5L or OUT5R output signal path is enabled, the PDM interface clock signal is output on
the SPKCLK1 pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com