Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 203 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 203 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 199Page - Cirrus Logic WM8281ECS/R Datasheet HTML 200Page - Cirrus Logic WM8281ECS/R Datasheet HTML 201Page - Cirrus Logic WM8281ECS/R Datasheet HTML 202Page - Cirrus Logic WM8281ECS/R Datasheet HTML 203Page - Cirrus Logic WM8281ECS/R Datasheet HTML 204Page - Cirrus Logic WM8281ECS/R Datasheet HTML 205Page - Cirrus Logic WM8281ECS/R Datasheet HTML 206Page - Cirrus Logic WM8281ECS/R Datasheet HTML 207Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 392 page
background image
WM8281
Rev 4.0
203
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
8
SPK2_MUTE_EN
DIAN
0
PDM Speaker Output 2 Mute Sequence
Control
0 = Mute sequence is LSB first
1 = Mute sequence output is MSB first
7:0
SPK2_MUTE_SE
Q [7:0]
69h
PDM Speaker Output 2 Mute Sequence
Defines the 8-bit code that is output on
SPKDAT2 (left) or SPKDAT2 (right) when
muted.
R1171
(0493h)
PDM
SPK2
CTRL 2
0
SPK2_FMT
0
PDM Speaker Output 2 timing format
0 = Mode A (PDM data is valid at the
rising/falling edges of SPKCLK2)
1 = Mode B (PDM data is valid during the
high/low phase of SPKCLK2)
Table 74 Digital Speaker (PDM) Output Control
The digital speaker (PDM) outputs SPKDATn and SPKCLKn are intended for direct connection to a
compatible external speaker driver. A typical configuration is illustrated in Figure 60.
WM8281
Speaker Driver
Speaker Driver
Right
Left
Speaker Driver
Speaker Driver
Left
Right
SPKCLK1
SPKDAT1
SPKCLK2
SPKDAT2
Figure 60 Digital Speaker (PDM) Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com