Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 199 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 199 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 195Page - Cirrus Logic WM8281ECS/R Datasheet HTML 196Page - Cirrus Logic WM8281ECS/R Datasheet HTML 197Page - Cirrus Logic WM8281ECS/R Datasheet HTML 198Page - Cirrus Logic WM8281ECS/R Datasheet HTML 199Page - Cirrus Logic WM8281ECS/R Datasheet HTML 200Page - Cirrus Logic WM8281ECS/R Datasheet HTML 201Page - Cirrus Logic WM8281ECS/R Datasheet HTML 202Page - Cirrus Logic WM8281ECS/R Datasheet HTML 203Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 392 page
background image
WM8281
Rev 4.0
199
HEADPHONE OUTPUTS AND MONO MODE
The headphone drivers can provide a mono differential (BTL) output; this is ideal for driving an
earpiece or hearing aid coil. The mono differential (BTL) configuration is selected using the
OUTn_MONO register bits.
When the OUTn_MONO bit is set, then the respective Right channel output is an inverted copy of the
Left channel output signal; this creates a differential output between the respective OUTnL and
OUTnR signal paths. The Left and Right channel output drivers must both be enabled in Mono mode;
both channels should be enabled simultaneously using the register bits described in Table 61.
The mono (BTL) signal paths are illustrated in Figure 56. Note that, in mono configuration, the
effective gain of the signal path is increased by 6dB.
The OUT1L and OUT1R output signal paths are associated with the analogue outputs HPOUT1L and
HPOUT1R respectively.
The OUT2L and OUT2R output signal paths are associated with the analogue outputs HPOUT2L and
HPOUT2R respectively.
The OUT3L and OUT3R output signal paths are associated with the analogue outputs HPOUT3L and
HPOUT3R respectively.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1040
(0410h)
Output
Path
Config 1L
12
OUT1_MONO
0
Output Path 1 Mono Mode
(Configures HPOUT1L and HPOUT1R as
a mono differential output.)
0 = Disabled
1 = Enabled
The gain of the signal path is increased by
6dB in differential (mono) mode.
R1048
(0418h)
Output
Path
Config 2L
12
OUT2_MONO
0
Output Path 2 Mono Mode
(Configures HPOUT2L and HPOUT2R as
a mono differential output.)
0 = Disabled
1 = Enabled
The gain of the signal path is increased by
6dB in differential (mono) mode.
R1056
(0420h)
Output
Path
Config 3L
12
OUT3_MONO
0
Output Path 3 Mono Mode
(Configures HPOUT3L and HPOUT3R as
a mono differential output.)
0 = Disabled
1 = Enabled
The gain of the signal path is increased by
6dB in differential (mono) mode.
Table 70 Headphone Driver Mono Mode Control
The headphone driver outputs HPOUT1L, HPOUT1R, HPOUT2L, HPOUT2R, HPOUT3L and
HPOUT3R are suitable for direct connection to external headphones and earpieces. The outputs are
ground-referenced, eliminating any requirement for AC coupling capacitors.
The headphone outputs incorporate a common mode, or ground loop, feedback path which provides
rejection of system-related ground noise. The feedback pins must be connected to ground for normal
operation of the headphone outputs.
Note that the feedback pins should be connected to GND close to the respective headphone jack, as
illustrated in Figure 57. In mono (differential) mode, the feedback pin(s) should be connected to the
ground plane that is physically closest to the earpiece output PCB tracks.
The ground feedback path for HPOUT1L and HPOUT1R is provided via the HPOUT1FB1 or
HPOUT1FB2 pins; the applicable connection must be selected using the ACCDET_SRC register, as
described in Table 71.
The ground feedback path for HPOUT2L and HPOUT2R is provided via the HPOUT2FB pin. No
register configuration is required for the HPOUT2FB connection.
The ground feedback path for HPOUT3L and HPOUT3R is provided via the HPOUT3FB pin. No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com