Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 206 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 206 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 202Page - Cirrus Logic WM8281ECS/R Datasheet HTML 203Page - Cirrus Logic WM8281ECS/R Datasheet HTML 204Page - Cirrus Logic WM8281ECS/R Datasheet HTML 205Page - Cirrus Logic WM8281ECS/R Datasheet HTML 206Page - Cirrus Logic WM8281ECS/R Datasheet HTML 207Page - Cirrus Logic WM8281ECS/R Datasheet HTML 208Page - Cirrus Logic WM8281ECS/R Datasheet HTML 209Page - Cirrus Logic WM8281ECS/R Datasheet HTML 210Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 392 page
background image
WM8281
206
Rev 4.0
JACK POP SUPPRESSION (MICDET CLAMP AND GP SWITCH)
Under typical configuration of a 3.5mm headphone/accessory jack connection, there is a risk of pops
and clicks arising from jack insertion or removal. This can occur when the headphone load makes
momentary contact with the MICBIAS output when the jack is not fully inserted, as illustrated in Figure
63.
The WM8281 provides a MICDET Clamp function to suppress pops and clicks caused by jack
insertion or removal. The clamp is activated by a configurable logic function derived from external
logic inputs. The clamp status can be read using the relevant register status bit. The clamp status can
also be used to trigger an interrupt (IRQ) event or to trigger the Control Write Sequencer.
When the WM8281 is in the low-power Sleep mode, the MICDET Clamp function can be used as a
‘wake-up’ input; a typical use case is where an application is idle in standby mode until a headphone
or headset jack is inserted. This feature is enabled using the control bits described in Table 84 within
the “Low Power Sleep Configuration” section.
The MICDET Clamp function is controlled by a selectable logic condition, derived from the JD1 and/or
GP5 signals. The function is enabled and configured using the MICD_CLAMP_MODE register.
The JD1 signal is derived from the Jack Detect function (see Table 75). The GP5 signal is derived
from the GPIO5 input pin (see “General Purpose Input / Output”).
When the MICDET Clamp is active, the MICDET1/HPOUT1FB2 and HPOUT1FB1/MICDET2 pins are
short-circuited together. The grounding of the MICDET pin is achieved via the applicable HPOUT1FB
pin; note that it is assumed that the HPOUT1FB connection is grounded externally, as shown in
Figure 63.
The configurable logic provides flexibility in selecting the appropriate conditions for activating the
MICDET Clamp. The clamp status can be read using the MICD_CLAMP_STS register.
The MICDET Clamp de-bounce is selected using the MICD_CLAMP_DB register, as described in
Table 76. Note that the de-bounce circuit uses the 32kHz clock, which must be enabled whenever
input de-bounce functions are required.
An Interrupt Request (IRQ) event is generated whenever the MICDET Clamp is asserted or de-
asserted (see “Interrupts”). Separate ‘mask’ bits are provided to enable IRQ events on the rising
and/or falling edge of the MICDET Clamp status.
The Control Write Sequencer can be triggered by the MICDET Clamp status. This is enabled using
register bits described in the “Low Power Sleep Configuration” section.
The MICDET Clamp function is illustrated in Figure 63. Note that the jack plug is shown partially
removed, with the MICDET1 pin in contact with the headphone load.
HPOUT1FB1/
MICDET2
MICDET1/
HPOUT1FB2
MICBIASn
C
* INnRP
2.2k
 (+/-2%)
* Note: The Jack plug is shown partially
removed, with the MICDET1 pin in
contact with the headphone load.
* see note
MICDET
Clamp Control
MICD_CLAMP_MODE
MICD_CLAMP_STS
MICD_CLAMP_DB
WM8281
When the MICDET Clamp is active in the configuration shown, the
MICDET1 pin is grounded via the headphone jack ground connection.
* Note that the Right analogue mic
channel is recommended with the
external accessory detect function
Figure 63 MICDET Clamp circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com