Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 209 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 209 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 205Page - Cirrus Logic WM8281ECS/R Datasheet HTML 206Page - Cirrus Logic WM8281ECS/R Datasheet HTML 207Page - Cirrus Logic WM8281ECS/R Datasheet HTML 208Page - Cirrus Logic WM8281ECS/R Datasheet HTML 209Page - Cirrus Logic WM8281ECS/R Datasheet HTML 210Page - Cirrus Logic WM8281ECS/R Datasheet HTML 211Page - Cirrus Logic WM8281ECS/R Datasheet HTML 212Page - Cirrus Logic WM8281ECS/R Datasheet HTML 213Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 392 page
background image
WM8281
Rev 4.0
209
The WM8281 can only support one headphone or microphone detection function at any time. When
the detection function is not in use, it is recommended to set ACCDET_MODE=000.
The microphone detection circuit can be enabled on the MICDET1 pin or the MICDET2 pin, selected
by the ACCDET_SRC register.
The microphone detection circuit uses MICVDD, MICBIAS1, MICBIAS2 or MICBIAS3 as a reference.
The applicable source is configured using the MICD_BIAS_SRC register.
When ACCDET_MODE is set to 000 or 111, then Microphone detection is enabled by setting
MICD_ENA.
When microphone detection is enabled, the WM8281 performs a number of measurements in order to
determine the MICDET impedance. The measurement process is repeated at a cyclic rate controlled
by MICD_RATE. (The MICD_RATE register selects the delay between completion of one
measurement and the start of the next.) When the microphone detection result has settled, the
WM8281 indicates valid data by setting the MICD_VALID bit.
When the discrete measurement mode is selected (ACCDET_MODE=000), the measured impedance
is only deemed valid after more than one successive measurement has produced the same result.
The MICD_DBTIME register provides control of the de-bounce period; this can be either 2
measurements or 4 measurements.
When the microphone detection result has settled (ie. after the applicable de-bounce period), the
WM8281 indicates valid data by setting the MICD_VALID bit. The measured impedance is indicated
using the MICD_LVL and MICD_STS register bits, as described in Table 77.
The MICD_VALID bit, when set, remains asserted for as long as the microphone detection function is
enabled (ie. while MICD_ENA = 1). If the detected impedance changes, then the MICD_LVL and
MICD_STS fields will change, but the MICD_VALID bit will remain set, indicating valid data at all
times.
The 8 pre-
defined impedance levels (including the ‘no accessory detected’ level) allow detection of a
typical microphone and up to 6 push-buttons. Each measurement level can be enabled or disabled
independently; this provides flexibility according to the required thresholds, and offers a faster
measurement time in some applications. The MICD_LVL_SEL register is described in detail later in
this section.
Note that the impedance levels quoted in the MICD_LVL description assume that a microphone
(475
Ω to 30kΩ impedance) is also present on the MICDET pin. The limits quoted in the “Electrical
Characteristics
” refer to the combined effective impedance on the MICDET pin. Typical external
components are described in the “Applications Information” section.
When the ADC measurement mode is selected (ACCDET_MODE=111), the detection function must
be disabled before the measurement can be read. When the WM8281 indicates valid data
(MICD_VALID=1), the detection must be disabled by setting MICD_ENA=0.
The ADC measurement mode generates two output results, contained within the MICDET_ADCVAL
and MICDET_ADCVAL_DIFF registers. These registers contain the most recent measurement value
(MICDET_ADCVAL) and the measurement difference value (MICDET_ADCVAL_DIFF). The
difference value indicates the difference between the latest measurement and the previous
measurement; this can be used to determine whether the measurement is stable and reliable.
Note that the MICDET_ADCVAL and MICDET_ADCVAL_DIFF registers do not follow a linear coding.
The appropriate test condition for accepting the measurement value (or for re-scheduling the
measurement) will vary depending on the application requirements, and depending on the expected
impedance value.
The microphone detection function is an input to the Interrupt control circuit and can be used to trigger
an Interrupt event every time an accessory insertion, removal or impedance change is detected. See
“Interrupts” for further details.
The microphone detection function can also generate a GPIO output, providing an external indication
of the microphone detection. This GPIO output is pulsed every time an accessory insertion, removal
or impedance change is detected. See “General Purpose Input / Output” to configure a GPIO pin for
this function.
The register fields associated with Microphone Detection (or other accessories) are described in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com