Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 213 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 213 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 209Page - Cirrus Logic WM8281ECS/R Datasheet HTML 210Page - Cirrus Logic WM8281ECS/R Datasheet HTML 211Page - Cirrus Logic WM8281ECS/R Datasheet HTML 212Page - Cirrus Logic WM8281ECS/R Datasheet HTML 213Page - Cirrus Logic WM8281ECS/R Datasheet HTML 214Page - Cirrus Logic WM8281ECS/R Datasheet HTML 215Page - Cirrus Logic WM8281ECS/R Datasheet HTML 216Page - Cirrus Logic WM8281ECS/R Datasheet HTML 217Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 392 page
background image
WM8281
Rev 4.0
213
and up to 6 push-buttons. The microphone detect function is specifically designed to detect a video
accessory (typical 75
) load if required.
See “Applications Information” for typical recommended external components for microphone, video
or push-button accessory detection.
The accuracy of the microphone detect function is assured whenever the connected load is within the
applicable limits specified in the “Electrical Characteristics”. It is required that a 2.2k
 (2%) resistor
must also be connected between MICDET and the selected MICBIAS reference; note that different
resistor values will lead to inaccuracy in the impedance measurement.
Note that the connection of a microphone will change the measured impedance on the MICDET pin;
see “Applications Information” for recommended components for typical applications.
The measurement time varies between 100
s and 500s according to the impedance of the external
load. A high impedance will be measured faster than a low impedance.
The timing of the microphone detect function is illustrated in Figure 66. Two different cases are
shown, according to whether MICBIASn is enabled periodically by the impedance measurement
function (MICBn_ENA=0), or is enabled at all times (MICBn_ENA=1).
MICBn_ENA=0 :
MICBIASn is enabled periodically for measurement function
Measurement time
(100us to 500us)
MICD_RATE
(0ms to 512ms; 0.25ms default)
MICD_BIAS_STARTTIME
(0ms to 512ms; 0.25ms default)
time
MICBn_ENA=1 :
MICBIASn is enabled constantly
MICD_RATE
(0ms to 512ms; 0.25ms default)
time
Measurement time
(100us to 500us)
Figure 66 Microphone and Accessory Detect Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com