Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 216 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 216 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 212Page - Cirrus Logic WM8281ECS/R Datasheet HTML 213Page - Cirrus Logic WM8281ECS/R Datasheet HTML 214Page - Cirrus Logic WM8281ECS/R Datasheet HTML 215Page - Cirrus Logic WM8281ECS/R Datasheet HTML 216Page - Cirrus Logic WM8281ECS/R Datasheet HTML 217Page - Cirrus Logic WM8281ECS/R Datasheet HTML 218Page - Cirrus Logic WM8281ECS/R Datasheet HTML 219Page - Cirrus Logic WM8281ECS/R Datasheet HTML 220Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 392 page
background image
WM8281
216
Rev 4.0
circuit configuration is illustrated in Figure 67.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R135
(0087h)
HP Detect
Calibration
1
15:14
HP_OFFSET_DIF
F_11 [1:0]
Headphone Detect Calibration field.
Signed integer, -7 to +7. LSB=1.
Default value is factory-set per device.
Note that HP_OFFSET_DIFF_11 is a 4-
bit field, and is split across R135 and
R136 register addresses.
13:10
HP_OFFSET_DIF
F_10 [3:0]
Headphone Detect Calibration field.
Signed integer, -7 to +7. LSB=1.
Default value is factory-set per device.
9:4
HP_OFFSET_01
[5:0]
Headphone Detect Calibration field.
Signed integer, -31 to +31. LSB=1.
Default value is factory-set per device.
3:0
HP_OFFSET_DIF
F_00 [3:0]
Headphone Detect Calibration field.
Signed integer, -7 to +7. LSB=1.
Default value is factory-set per device.
R136
(0088h)
HP Detect
Calibration
2
15:14
HP_OFFSET_DIF
F_11 [3:2]
Headphone Detect Calibration field.
Signed integer, -7 to +7. LSB=1.
Field is split across 2 registers.
Default value is factory-set per device.
Note that HP_OFFSET_DIFF_11 is a 4-
bit field, and is split across R135 and
R136 register addresses.
13:7
HP_GRADIENT_
1X [6:0]
Headphone Detect Calibration field.
Signed number, -31.5 to +31.5. LSB=0.5.
Default value is factory-set per device.
6:0
HP_GRADIENT_
0X [6:0]
Headphone Detect Calibration field.
Signed number, -31.5 to +31.5. LSB=0.5.
Default value is factory-set per device.
R549
(0225h)
HP Ctrl 1L
2
HP1L_FLWR
1
HPOUT1L Voltage Follower mode
0 = Disabled
1 = Enabled
This bit must be set to 0 when the
Headphone Detection function is
enabled on HPOUT1L.
This bit is configured automatically when
HPOUT1L is enabled or disabled.
1
HP1L_SHRTI
1
HPOUT1L Input Clamp
0 = Disabled
1 = Enabled
This bit must be set to 0 when the
Headphone Detection function is
enabled on HPOUT1L.
This bit is configured automatically when
HPOUT1L is enabled or disabled.
0
HP1L_SHRTO
0
HPOUT1L Output Clamp
0 = Enabled
1 = Disabled
This bit must be set to 1 when the
Headphone Detection function is
enabled on HPOUT1L.
This bit is configured automatically when
HPOUT1L is enabled or disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com