Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 212 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 212 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 208Page - Cirrus Logic WM8281ECS/R Datasheet HTML 209Page - Cirrus Logic WM8281ECS/R Datasheet HTML 210Page - Cirrus Logic WM8281ECS/R Datasheet HTML 211Page - Cirrus Logic WM8281ECS/R Datasheet HTML 212Page - Cirrus Logic WM8281ECS/R Datasheet HTML 213Page - Cirrus Logic WM8281ECS/R Datasheet HTML 214Page - Cirrus Logic WM8281ECS/R Datasheet HTML 215Page - Cirrus Logic WM8281ECS/R Datasheet HTML 216Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 392 page
background image
WM8281
212
Rev 4.0
Table 77 Microphone Detect Control
The external connections for the Microphone Detect circuit are illustrated in Figure 65. In typical
applications, it can be used to detect a microphone or button press.
Note that, when using the Microphone Detect circuit, it is recommended to use one of the Right
channel analogue microphone input paths, to ensure best immunity to electrical transients arising
from the external accessory.
The voltage reference for the microphone detection is configured using the MICD_BIAS_SRC
register, as described in Table 77. The microphone detection function will automatically enable the
applicable reference when required for MICDET impedance measurement.
If the selected reference (MICBIAS1, MICBIAS2 or MICBIAS3) is not already enabled (ie. if
MICBn_ENA = 0, where n is 1, 2 or 3 as appropriate), then the applicable MICBIAS source will be
enabled for short periods of time only, every time the impedance measurement is scheduled. To allow
time for the MICBIAS source to start-up, a time delay is applied before the measurement is
performed; this is configured using the MICD_BIAS_STARTTIME register, as described in Table 77.
The MICD_BIAS_STARTTIME register should be set to 16ms or more if MICBn_RATE = 1 (pop-free
start-up / shut-down). The MICD_BIAS_STARTTIME register should be set to 0.25ms or more if
MICBn_RATE = 0 (fast start-up / shut-down).
If the selected reference is not enabled continuously (ie. if MICBn_ENA = 0), then the applicable
MICBIAS discharge bit (MICBn_DISCH) should be set to 0.
The MICBIAS sources are configured using the registers described in
the “Charge Pumps, Regulators
and Voltage Reference
” section.
MICDET1
Accessory /
Button Detect
AGND
MICDET2
Detection pin selected by ACCDET_SRC
(MICDET1 or MICDET2)
Microphone/Accessory detection
selected by ACCDET_MODE
Analogue Input
C
INnx
Microphone Supply selected by MICD_BIAS_SRC
(MICVDD, MICBIAS1, MICBIAS2, MICBIAS3)
MICBIAS3
MICBIAS2
MICBIAS1
MICVDD
LDO2
Regulator
External accessories :-
2.2k
(+/-2%)
Microphone
Hookswitch
/ button 1
button 2
Figure 65 Microphone and Accessory Detect Interface
When the discrete measurement mode is selected (ACCDET_MODE=000), the MICD_LVL_SEL [7:0]
register bits allow each of the impedance measurement levels to be enabled or disabled
independently. This allows the function to be tailored to the particular application requirements.
If one or more bits within the MICD_LVL_SEL register is set to 0, then the corresponding impedance
level will be disabled. Any measured impedance which lies in a disabled level will be reported as the
next lowest, enabled level.
For example, the MICD_LVL_SEL [2] bit enables the detection of impedances around 73
. If
MICD_LVL_SEL [2] = 0, then an external impedance of 73
 will not be indicated as 73 but will be
indicated as 40
; this would be reported in the MICD_LVL register as MICD_LVL [2] = 1.
With all measurement levels enabled, the WM8281 can detect the presence of a typical microphone



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com