Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 208 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 208 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 204Page - Cirrus Logic WM8281ECS/R Datasheet HTML 205Page - Cirrus Logic WM8281ECS/R Datasheet HTML 206Page - Cirrus Logic WM8281ECS/R Datasheet HTML 207Page - Cirrus Logic WM8281ECS/R Datasheet HTML 208Page - Cirrus Logic WM8281ECS/R Datasheet HTML 209Page - Cirrus Logic WM8281ECS/R Datasheet HTML 210Page - Cirrus Logic WM8281ECS/R Datasheet HTML 211Page - Cirrus Logic WM8281ECS/R Datasheet HTML 212Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 392 page
background image
WM8281
208
Rev 4.0
The control registers associated with the MICDET Clamp and General Purpose Switch functions are
described in Table 76.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R674
(02A2h)
Micd Clamp
control
3:0
MICD_CLAMP_M
ODE [3:0]
0000
MICDET Clamp Mode
0h = Disabled
1h = Active (MICDET1 and MICDET2
are shorted together)
2h = Reserved
3h = Reserved
4h = Active when JD1=0
5h = Active when JD1=1
6h = Active when GP5=0
7h = Active when GP5=1
8h = Active when JD1=0 or GP5=0
9h = Active when JD1=0 or GP5=1
Ah = Active when JD1=1 or GP5=0
Bh = Active when JD1=1 or GP5=1
Ch = Active when JD1=0 and GP5=0
Dh = Active when JD1=0 and GP5=1
Eh = Active when JD1=1 and GP5=0
Fh = Active when JD1=1 and GP5=1
R3096
(0C18h)
GP Switch 1
1:0
SW1_MODE [1:0]
00
General Purpose Switch control
00 = Disabled (open)
01 = Enabled (closed)
10 = Enabled when MICDET Clamp is
active
11 = Enabled when MICDET Clamp is
not active
R3413
(0D55h)
AOD IRQ
Raw Status
3
MICD_CLAMP_S
TS
0
MICDET Clamp status
0 = Clamp not active
1 = Clamp active
R3414
(0D56h)
Jack detect
debounce
3
MICD_CLAMP_D
B
0
MICDET Clamp de-bounce
0 = Disabled
1 = Enabled
Table 76 MICDET Clamp and General Purpose Switch control
MICROPHONE DETECT
The WM8281 microphone detection circuit measures the impedance of an external load connected to
one of the MICDET pins. This feature can be used to detect the presence of a microphone, and the
status of the associated hookswitch. It can also be used to detect push-button status or the
connection of other external accessories.
The microphone detection circuit measures the impedance connected to MICDET1 or MICDET2. In
the discrete measurement mode (ACCDET_MODE=000), the function reports whether the measured
impedance
lies
within
one
of
8
pre-defined
levels.
In
the
ADC
measurement
mode
(ACCDET_MODE=111), a more specific result is provided in the form of a 7-bit ADC output.
The microphone detection circuit typically uses one of the MICBIAS outputs as a reference. The
WM8281 will automatically enable the appropriate MICBIAS when required in order to perform the
detection function; this allows the detection function to be supported in low-power standby operating
conditions.
Note that the MICVDD power domain must be enabled when using the microphone detection function.
This power domain is provided using an internal Charge Pump (CP2) and LDO Regulator (LDO2).
See “Charge Pumps, Regulators and Voltage Reference” for details of these circuits.
To select microphone detection on one of the MICDET pins, the ACCDET_MODE register must be
set to 000 or 111 (depending on the desired measurement mode). The ACCDET_MODE register is
defined in Table 77.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com