Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 211 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 211 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 207Page - Cirrus Logic WM8281ECS/R Datasheet HTML 208Page - Cirrus Logic WM8281ECS/R Datasheet HTML 209Page - Cirrus Logic WM8281ECS/R Datasheet HTML 210Page - Cirrus Logic WM8281ECS/R Datasheet HTML 211Page - Cirrus Logic WM8281ECS/R Datasheet HTML 212Page - Cirrus Logic WM8281ECS/R Datasheet HTML 213Page - Cirrus Logic WM8281ECS/R Datasheet HTML 214Page - Cirrus Logic WM8281ECS/R Datasheet HTML 215Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 392 page
background image
WM8281
Rev 4.0
211
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
5:4
MICD_BIAS_SRC
[1:0]
00
Accessory Detect (MICDET) reference
select
00 = MICVDD
01 = MICBIAS1
10 = MICBIAS2
11 = MICBIAS3
1
MICD_DBTIME
1
Mic Detect De-bounce
0 = 2 measurements
1 = 4 measurements
Only valid when ACCDET_MODE=000.
0
MICD_ENA
0
Mic Detect Enable
0 = Disabled
1 = Enabled
R676
(02A4h)
Mic Detect 2
7:0
MICD_LVL_SEL
[7:0]
1001_
1111
Mic Detect Level Select
(enables Mic/Accessory Detection in
specific impedance ranges)
[7] = Enable >475 ohm detection
[6] = Not used - must be set to 0
[5] = Not used - must be set to 0
[4] = Enable 375 ohm detection
[3] = Enable 155 ohm detection
[2] = Enable 73 ohm detection
[1] = Enable 40 ohm detection
[0] = Enable 18 ohm detection
Note that the impedance values quoted
assume that a microphone (475ohm-
30kohm) is also present on the MICDET
pin.
Only valid when ACCDET_MODE=000.
R677
(02A5h)
Mic Detect 3
10:2
MICD_LVL [8:0]
0_0000_
0000
Mic Detect Level
(indicates the measured impedance)
[8] = >475 ohm, <30k ohm
[7] = Not used
[6] = Not used
[5] = 375 ohm
[4] = 155 ohm
[3] = 73 ohm
[2] = 40 ohm
[1] = 18 ohm
[0] = <3 ohm
Note that the impedance values quoted
assume that a microphone (475ohm-
30kohm) is also present on the MICDET
pin.
Only valid when ACCDET_MODE=000.
1
MICD_VALID
0
Mic Detect Data Valid
0 = Not Valid
1 = Valid
0
MICD_STS
0
Mic Detect Status
0 = No Mic/Accessory present
(impedance is >30k ohm)
1 = Mic/Accessory is present
(impedance is <30k ohm)
Only valid when ACCDET_MODE=000.
R683
02ABh
Mic Detect 4
15:8
MICDET_ADCVA
L_DIFF [7:0]
00h
Mic Detect ADC Level (Difference)
Only valid when ACCDET_MODE=111.
6:0
MICDET_ADCVA
L [6:0]
00h
Mic Detect ADC Level
Only valid when ACCDET_MODE=111.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com