Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 210 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 210 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 206Page - Cirrus Logic WM8281ECS/R Datasheet HTML 207Page - Cirrus Logic WM8281ECS/R Datasheet HTML 208Page - Cirrus Logic WM8281ECS/R Datasheet HTML 209Page - Cirrus Logic WM8281ECS/R Datasheet HTML 210Page - Cirrus Logic WM8281ECS/R Datasheet HTML 211Page - Cirrus Logic WM8281ECS/R Datasheet HTML 212Page - Cirrus Logic WM8281ECS/R Datasheet HTML 213Page - Cirrus Logic WM8281ECS/R Datasheet HTML 214Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 392 page
background image
WM8281
210
Rev 4.0
Table 77. The external circuit configuration is illustrated in Figure 65.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R659
(0293h)
Accessory
Detect
Mode 1
13
ACCDET_SRC
0
Accessory Detect / Headphone
Feedback pin select
0 = Accessory detect on MICDET1,
Headphone ground feedback on
HPOUT1FB1
1 = Accessory detect on MICDET2,
Headphone ground feedback on
HPOUT1FB2
2:0
ACCDET_MODE
[2:0]
000
Accessory Detect Mode Select
000 = Microphone detect (MICDETn,
discrete mode)
001 = Headphone detect (HPDETL)
010 = Headphone detect (HPDETR)
011 = Reserved
100 = Headphone detect (MICDETn)
101 = Reserved
110 = Reserved
111 = Microphone detect (MICDETn,
ADC mode)
Note that the MICDETn measurements
are implemented on either the MICDET1
or MICDET2 pins, depending on the
ACCDET_SRC register bit.
R675
(02A3h)
Mic Detect 1
15:12
MICD_BIAS_STA
RTTIME [3:0]
0001
Mic Detect Bias Startup Delay
(If MICBIAS is not enabled already, this
field selects the delay time allowed for
MICBIAS to startup prior to performing
the MICDET function.)
0000 = 0ms (continuous)
0001 = 0.25ms
0010 = 0.5ms
0011 = 1ms
0100 = 2ms
0101 = 4ms
0110 = 8ms
0111 = 16ms
1000 = 32ms
1001 = 64ms
1010 = 128ms
1011 = 256ms
1100 to 1111 = 512ms
11:8
MICD_RATE [3:0]
0001
Mic Detect Rate
(Selects the delay between successive
MICDET measurements.)
0000 = 0ms (continuous)
0001 = 0.25ms
0010 = 0.5ms
0011 = 1ms
0100 = 2ms
0101 = 4ms
0110 = 8ms
0111 = 16ms
1000 = 32ms
1001 = 64ms
1010 = 128ms
1011 = 256ms
1100 to 1111 = 512ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com