Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 205 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 205 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 201Page - Cirrus Logic WM8281ECS/R Datasheet HTML 202Page - Cirrus Logic WM8281ECS/R Datasheet HTML 203Page - Cirrus Logic WM8281ECS/R Datasheet HTML 204Page - Cirrus Logic WM8281ECS/R Datasheet HTML 205Page - Cirrus Logic WM8281ECS/R Datasheet HTML 206Page - Cirrus Logic WM8281ECS/R Datasheet HTML 207Page - Cirrus Logic WM8281ECS/R Datasheet HTML 208Page - Cirrus Logic WM8281ECS/R Datasheet HTML 209Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 392 page
background image
WM8281
Rev 4.0
205
REGISTER
ADDRESS
BIT
LABEL
DEFAUL
T
DESCRIPTION
R723
(02D3h)
Jack detect
analogue
0
JD1_ENA
0
JACKDET enable
0 = Disabled
1 = Enabled
R3413
(0D55h)
AOD IRQ
Raw Status
0
JD1_STS
0
JACKDET input status
0 = Jack not detected
1 = Jack is detected
(Assumes the JACKDET pin is
pulled ‘low’ on Jack insertion.)
R3414
(0D56h)
Jack detect
debounce
0
JD1_DB
0
JACKDET input de-bounce
0 = Disabled
1 = Enabled
Table 75 Jack Detect Control
A recommended connection circuit, including headphone output on HPOUT1 and microphone
connections, is shown in Figure 61.
See “Applications Information” for details of recommended
external components.
WM8281
HPOUT1L
HPOUT1R
HPOUT1FB1
JACKDET
MICDET1
Note: The illustrated circuit assumes
the jack insertion switch contacts are
closed when jack is inserted.
* Note that the Right analogue mic
channel is recommended with the
external accessory detect function
(jack insertion switch)
MICBIASn
2.2k
 (+/-2%)
C
* INnRP
Figure 61 Jack Detect and External Accessory Connections
The internal comparator circuit used to detect the JACKDET status is illustrated in Figure 62.
The threshold voltages for the jack detect circuit are noted in the “Electrical Characteristics”. Note that
separate thresholds are defined for jack insertion and jack removal.
JACKDET
+
-
reference
AVDD
Jack Detect logic
1M
(jack insertion switch)
Note: The illustrated circuit assumes the
jack insertion switch contacts are closed
when jack is inserted.
Figure 62 Jack Detect Comparator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com