Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 218 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 218 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 214Page - Cirrus Logic WM8281ECS/R Datasheet HTML 215Page - Cirrus Logic WM8281ECS/R Datasheet HTML 216Page - Cirrus Logic WM8281ECS/R Datasheet HTML 217Page - Cirrus Logic WM8281ECS/R Datasheet HTML 218Page - Cirrus Logic WM8281ECS/R Datasheet HTML 219Page - Cirrus Logic WM8281ECS/R Datasheet HTML 220Page - Cirrus Logic WM8281ECS/R Datasheet HTML 221Page - Cirrus Logic WM8281ECS/R Datasheet HTML 222Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 392 page
background image
WM8281
218
Rev 4.0
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
7:5
HP_HOLDTIME
[2:0]
001
Headphone Detect Hold Time
(Selects the hold time between ramp up
and ramp down of the headphone detect
current source. The clock cycle rate is
set by HP_CLK_DIV.)
000 = 1 clock cycle
001 = 4 clock cycles
010 = 16 clock cycles
011 = 64 clock cycles
100 = 256 clock cycles
101 = 512 clock cycles
110 = 768 clock cycles
111 =1024 clock cycles
4:3
HP_CLK_DIV
[1:0]
01
Headphone Detect Clock Rate
(Selects the clocking rate of the
headphone detect adjustable current
source.)
00 = 32kHz
01 = 16kHz
10 = 8kHz
11 = 4kHz
1
HP_RATE
0
Headphone Detect Ramp Rate
0 = Normal rate
1 = Fast rate
0
HP_POLL
0
Headphone Detect Enable
Write 1 to start HP Detect function
R668
(029Ch)
Headphone
Detect 2
15
HP_DONE
0
Headphone Detect Status
0 = HP Detect not complete
1 = HP Detect done
14:0
HP_LVL [14:0]
0000h
Headphone Detect Level
LSB = 0.5ohm
8 = 4ohm or less
9 = 4.5 ohm
10 = 5 ohm
11 = 5.5 ohm
….
20,000 = 10k ohm or more
When ACCDET_MODE=001 or 010, this
field is valid from 4ohm to10k ohm.
When ACCDET_MODE=100, this field is
valid from 400ohm to 6k ohm.
Note that, when ACCDET_MODE=001
or 010, the HP_LVL readback is only
valid within the range selected by
HP_IMPEDANCE_RANGE.
If HP_LVL reports a value outside the
selected range, then the range should be
adjusted and the measurement
repeated.
A result of 0 ohms may be reported if the
measurement is less than the minimum
value for the selected range.
R669
(029Dh)
Headphone
Detect Test
9:0
HP_DACVAL [9:0]
000h
Headphone Detect Level
(Coded as integer, LSB=1. See separate
description for full decode information.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com