Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 221 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 221 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 217Page - Cirrus Logic WM8281ECS/R Datasheet HTML 218Page - Cirrus Logic WM8281ECS/R Datasheet HTML 219Page - Cirrus Logic WM8281ECS/R Datasheet HTML 220Page - Cirrus Logic WM8281ECS/R Datasheet HTML 221Page - Cirrus Logic WM8281ECS/R Datasheet HTML 222Page - Cirrus Logic WM8281ECS/R Datasheet HTML 223Page - Cirrus Logic WM8281ECS/R Datasheet HTML 224Page - Cirrus Logic WM8281ECS/R Datasheet HTML 225Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 221 / 392 page
background image
WM8281
Rev 4.0
221
REGISTER
ADDRESS
LABEL
REFERENCE
40h
WKUP_MICD_CLAMP_FALL
See Table 84
WKUP_MICD_CLAMP_RISE
WKUP_GP5_FALL
WKUP_GP5_RISE
WKUP_JD1_FALL
WKUP_JD1_RISE
41h
WSEQ_ENA_MICD_CLAMP_FAL
L
See Table 85
WSEQ_ENA_MICD_CLAMP_RIS
E
WSEQ_ENA_GP5_FALL
WSEQ_ENA_GP5_RISE
WSEQ_ENA_JD1_FALL
WSEQ_ENA_JD1_RISE
66h
WSEQ_MICD_CLAMP_RISE_IND
EX
See “Control Write Sequencer”
67h
WSEQ_MICD_CLAMP_FALL_IND
EX
68h
WSEQ_GP5_RISE_INDEX
69h
WSEQ_GP5_FALL_INDEX
6Ah
WSEQ_JD1_RISE_INDEX
6Bh
WSEQ_JD1_FALL_INDEX
100h
CLK_32K_ENA
See “Clocking and Sample Rates”
See note above.
CLK_32K_SRC
210h
LDO1_VSEL
See “Charge Pumps, Regulators and
Voltage Reference
”
LDO1_DISCH
LDO1_ENA
02A2h
MICD_CLAMP_MODE
See “External Accessory Detection”
02D3h
JD1_ENA
See “External Accessory Detection”
0C04h
GP5_DIR
See “General Purpose Input / Output”
GP5_PU
GP5_PD
GP5_POL
GP5_OP_CFG
GP5_DB
GP5_LVL
GP5_FN
0C0Fh
IRQ_POL
See “Interrupts”
IRQ_OP_CFG
0C10h
GP_DBTIME
See “General Purpose Input / Output”
0C18h
SW1_MODE
0C20h
LDO1ENA_PD
See “Charge Pumps, Regulators and
Voltage Reference
”
LDO1ENA_PU
MCLK2_PD
See “Clocking and Sample Rates”
RESET_PU
See “Hardware Reset, Software Reset,
Wake-Up, and Device ID
”
RESET_PD
0C39h
IRQ_DRV_STR
See “Applications Information”
GPIO5_DRV_STR
0D0Fh
IM_IRQ1
See “Interrupts”
0D1Fh
IM_IRQ2
0D50h
MICD_CLAMP_FALL_TRIG_STS
See Table 83
MICD_CLAMP_RISE_TRIG_STS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com