Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 223 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 223 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 219Page - Cirrus Logic WM8281ECS/R Datasheet HTML 220Page - Cirrus Logic WM8281ECS/R Datasheet HTML 221Page - Cirrus Logic WM8281ECS/R Datasheet HTML 222Page - Cirrus Logic WM8281ECS/R Datasheet HTML 223Page - Cirrus Logic WM8281ECS/R Datasheet HTML 224Page - Cirrus Logic WM8281ECS/R Datasheet HTML 225Page - Cirrus Logic WM8281ECS/R Datasheet HTML 226Page - Cirrus Logic WM8281ECS/R Datasheet HTML 227Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 392 page
background image
WM8281
Rev 4.0
223
A Wake-Up transition is triggered using the JD1 or GP5 control signals (defined below).
It is assumed that DCVDD is supplied by LDO1. The AVDD, DBVDD1 and LDOVDD supplies must be
present throughout the Sleep mode duration
. See “Charge Pumps, Regulators and Voltage
Reference
” for specific control requirements where DCVDD is not powered from LDO1.
Note that a logic ‘1’ applied to the LDOENA pin will also cause a Wake-Up transition. In this event,
however, the configurable Wake-Up events (described below) are not applicable.
SLEEP CONTROL SIGNALS - JD1, GP5, MICDET CLAMP
The internal control signals JD1 and GP5 are provided to support the low-power Sleep mode. The
MICDET Clamp status is controlled by a selectable logic function, derived from JD1 and/or GP5. A
rising or falling edge of these signals can be used to trigger a Wake-Up transition (ie. exit from Sleep
mode).
The JD1, GP5 and MICDET Clamp status signals can also be used to trigger the Control Write
Sequencer and/or the Interrupt Controller.
Note that it is possible to enable more than one response from these control signals. For example, a
particular edge transition could trigger a Wake-Up transition, and also a Control Write Sequence.
The JD1, GP5 and MICDET Clamp status signals are described in this section. The Wake-Up, Write
Sequencer, and Interrupt actions are described in the sections that follow.
The JD1 signal is derived from the Jack Detect function (see “External Accessory Detection”). This
input can be used to trigger Wake-Up or other actions in response to a jack insertion or jack removal
detection.
When the JD1 signal is enabled, it indicates the status of the JACKDET input pin. See Table 75 for
details of the associated control registers.
The GP5 signal is derived from the GPIO5 input pin (see “General Purpose Input / Output”). This input
can be used to trigger Wake-Up or other actions in response to a logic level input detected on the
GPIO5 pin.
When using the GP5 signal, the GPIO5 pin must be configured as a GPIO input (GP5_DIR=1,
GP5_FN=01h). An internal pull-up or pull-down resistor may be enabled on the GPIO5 pin if required.
The GPIO pin control registers are defined in Table 86.
The MICDET Clamp
status is controlled by the JD1 and/or GP5 signals (see “External Accessory
Detection
”). The configurable logic provides flexibility in selecting the appropriate conditions for
activating the MICDET Clamp. The clamp status can be used to trigger Wake-Up or other actions in
response to a jack insertion or jack removal detection.
The MICDET Clamp function is configured using the MICD_CLAMP_MODE register, as described in
Table 76.
Whenever a rising or falling edge is detected on JD1, GP5 or MICDET Clamp status, the WM8281 will
assert the respective trigger status (_TRIG_STS) bit. The trigger status bits are latching fields and,
once they are set, they are not reset until a ‘1’ is written to the respective register bit(s).
The JD1, GP5 and MICDET Clamp trigger status bits are described in Table 83.
The trigger status bits can be used to control Wake-Up and Write Sequencer actions. The JD1, GP5
and MICDET Clamp signals are inputs to the Interrupt Controller. Each of these functions is described
in the following sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com