Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 225 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 225 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 221Page - Cirrus Logic WM8281ECS/R Datasheet HTML 222Page - Cirrus Logic WM8281ECS/R Datasheet HTML 223Page - Cirrus Logic WM8281ECS/R Datasheet HTML 224Page - Cirrus Logic WM8281ECS/R Datasheet HTML 225Page - Cirrus Logic WM8281ECS/R Datasheet HTML 226Page - Cirrus Logic WM8281ECS/R Datasheet HTML 227Page - Cirrus Logic WM8281ECS/R Datasheet HTML 228Page - Cirrus Logic WM8281ECS/R Datasheet HTML 229Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 392 page
background image
WM8281
Rev 4.0
225
When a valid ‘Wake-Up’ event is detected, the WM8281 will enable LDO1 (and DCVDD), and a user-
configurable Boot Sequence is executed (see “Hardware Reset, Software Reset, Wake-Up, and
Device ID
”).
Note that the trigger status (_TRIG_STS) bits are latching fields. Care is required when resetting
these bits, to ensure the intended device behaviour - resetting the _TRIG_STS register(s) may cause
LDO1 (and DCVDD) to be disabled.
For normal device operation following a ‘Wake-Up’ transition, the LDO1_ENA register must be set (or
the LDOENA pin asserted) before the _TRIG_STS bit(s) are reset. (Note that further options are
described in the next section.)
For recommended use of the Sleep / Wake-Up functions, it is assumed that DCVDD is powered from
the output of LDO1 (see “Charge Pumps, Regulators and Voltage Reference”).
If DCVDD is powered externally (not from LDO1), then the JD1, GP5 and MICDET Clamp inputs
cannot trigger a Wake-Up transition directly; a Wake-Up transition will only occur by re-application of
DCVDD. In this configuration, the JD1, GP5 or MICDET Clamp inputs can provide a signal to the host
processor, via the IRQ
¯¯¯ output; if a Wake-Up transition is required, this can be implemented by the
host processor controlling the DCVDD supply.
If DCVDD is powered externally, then the WKUP_* control bits described in Table 84 must be held at
0 at all times.
WRITE SEQUENCE CONTROL
A Control Write Sequence can be associated with any of the JD1, GP5 or MICDET Clamp trigger
status bits. This is selected using the register bits described in Table 85.
Note that the JD1, GP5 and MICDET Clamp trigger status bits can be used to trigger the Control
Write Sequencer at any time. This feature may be used during normal operation, or immediately
following a Wake-Up transition.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R65 (0041h)
Sequence
Control
7
WSEQ_ENA_MICD_C
LAMP_FALL
0
MICDET Clamp (Falling) Write
Sequencer Select
0 = Disabled
1 = Enabled
6
WSEQ_ENA_MICD_C
LAMP_RISE
0
MICDET Clamp (Rising) Write
Sequencer Select
0 = Disabled
1 = Enabled
5
WSEQ_ENA_GP5_FA
LL
0
GP5 (Falling) Write Sequencer
Select
0 = Disabled
1 = Enabled
4
WSEQ_ENA_GP5_RIS
E
0
GP5 (Rising) Write Sequencer
Select
0 = Disabled
1 = Enabled
3
WSEQ_ENA_JD1_FAL
L
0
JD1 (Falling) Write Sequencer
Select
0 = Disabled
1 = Enabled
2
WSEQ_ENA_JD1_RIS
E
0
JD1 (Rising) Write Sequencer
Select
0 = Disabled
1 = Enabled
Table 85 JD1, GP5 and MICDET Clamp Write Sequencer Control Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com