Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 224 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 224 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 220Page - Cirrus Logic WM8281ECS/R Datasheet HTML 221Page - Cirrus Logic WM8281ECS/R Datasheet HTML 222Page - Cirrus Logic WM8281ECS/R Datasheet HTML 223Page - Cirrus Logic WM8281ECS/R Datasheet HTML 224Page - Cirrus Logic WM8281ECS/R Datasheet HTML 225Page - Cirrus Logic WM8281ECS/R Datasheet HTML 226Page - Cirrus Logic WM8281ECS/R Datasheet HTML 227Page - Cirrus Logic WM8281ECS/R Datasheet HTML 228Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 392 page
background image
WM8281
224
Rev 4.0
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R3408
(0D50h)
AOD wkup
and trig
7
MICD_CLAMP_FALL_
TRIG_STS
0
MICDET Clamp Trigger Status
(Falling edge triggered)
Note: Cleared when a ‘1’ is written
6
MICD_CLAMP_RISE_
TRIG_STS
0
MICDET Clamp Trigger Status
(Rising edge triggered)
Note: Cleared when a ‘1’ is written
5
GP5_FALL_TRIG_STS
0
GP5 Trigger Status
(Falling edge triggered)
Note: Cleared when a ‘1’ is written
4
GP5_RISE_TRIG_STS
0
GP5 Trigger Status
(Rising edge triggered)
Note: Cleared when a ‘1’ is written
3
JD1_FALL_TRIG_STS
0
JD1 Trigger Status
(Falling edge triggered)
Note: Cleared when a ‘1’ is written
2
JD1_RISE_TRIG_STS
0
JD1 Trigger Status
(Rising edge triggered)
Note: Cleared when
a ‘1’ is written
Table 83 JD1, GP5 and MICDET Clamp Trigger Status Registers
Note that the de-bounce function on all inputs (including JD1, GP5 and MICDET Clamp status) use
the 32kHz clock (see “Clocking and Sample Rates”). The 32kHz clock must be enabled whenever
input de-bounce functions are required.
Note that the MCLK2 input pin is on the ‘Always-On’ domain, and is supported in Sleep mode.
(MCLK1 input is not supported in Sleep mode.)
If input de-bounce is enabled in Sleep mode, the 32kHz clock must use MCLK2 (direct) input as its
source (CLK_32K_SRC = 01).
WAKE-UP TRANSITION
A Wake-Up transition (exit from Sleep) can be associated with any of the JD1, GP5 or MICDET
Clamp trigger status bits. This is selected using the register bits described in Table 84.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R64 (0040h)
Wake
Control
7
WKUP_MICD_CLAMP
_FALL
0
MICDET Clamp (Falling) Wake-Up
Select
0 = Disabled
1 = Enabled
6
WKUP_MICD_CLAMP
_RISE
0
MICDET Clamp (Rising) Wake-Up
Select
0 = Disabled
1 = Enabled
5
WKUP_GP5_FALL
0
GP5 (Falling) Wake-Up Select
0 = Disabled
1 = Enabled
4
WKUP_GP5_RISE
0
GP5 (Rising) Wake-Up Select
0 = Disabled
1 = Enabled
3
WKUP_JD1_FALL
0
JD1 (Falling) Wake-Up Select
0 = Disabled
1 = Enabled
2
WKUP_JD1_RISE
0
JD1 (Rising) Wake-Up Select
0 = Disabled
1 = Enabled
Table 84 JD1, GP5 and MICDET Clamp Wake-Up Control Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com