Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 226 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 226 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 222Page - Cirrus Logic WM8281ECS/R Datasheet HTML 223Page - Cirrus Logic WM8281ECS/R Datasheet HTML 224Page - Cirrus Logic WM8281ECS/R Datasheet HTML 225Page - Cirrus Logic WM8281ECS/R Datasheet HTML 226Page - Cirrus Logic WM8281ECS/R Datasheet HTML 227Page - Cirrus Logic WM8281ECS/R Datasheet HTML 228Page - Cirrus Logic WM8281ECS/R Datasheet HTML 229Page - Cirrus Logic WM8281ECS/R Datasheet HTML 230Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 392 page
background image
WM8281
226
Rev 4.0
When a valid ‘Write Sequencer’ control event is detected, the respective control sequence will be
scheduled. See “Control Write Sequencer” for further details.
Note that the trigger status (_TRIG_STS) bits are latching fields. Care is required when resetting
these bits, to ensure the intended device behaviour - resetting the _TRIG_STS register(s) may cause
LDO1 (and DCVDD) to be disabled.
A valid clock (SYSCLK) must be enabled whenever a Control Write Sequence is scheduled.
If the JD1, GP5 or MICDET Clamp trigger status bits are associated with the Control Write Sequencer
(using the register bits in Table 85) and also configured as Wake-Up events (using the register bits in
Table 84), then the Boot Sequence must be programmed to configure and enable SYSCLK. (Note
that the default SYSCLK frequency must be used in this case.)
The Boot Sequence (see “Hardware Reset, Software Reset, Wake-Up, and Device ID”) is scheduled
as part of the Wake-Up transition, and provides the capability to configure SYSCLK (and other
register settings) prior to the Control Write Sequencer being triggered.
Note that, if the Control Write Sequencer is triggered during normal operation, then SYSCLK will
typically be already available, and no additional requirements will apply.
To return to Sleep mode following a Wake-Up / Write Sequence, the last step of the control sequence
must be to write ‘1’ to the applicable trigger status bit(s). The _TRIG_STS bit(s) will be reset, LDO1
will be disabled, and the WM8281 will be in Sleep mode. (The LDO1_ENA bit must be set to 0, and
the LDOENA pin must not be asserted.)
To remain ‘On’ at the end of a Wake-up / Write Sequence, the control sequence must write ‘1’ to the
LDO1_ENA bit before resetting the trigger status bit(s). Alternatively, the host processor should assert
the LDOENA pin before resetting the trigger status bit(s).
When the Control Write Sequencer is triggered during normal operation, it can be programmed to
select the Sleep mod
e by writing ‘0’ to the LDO1_ENA bit. (The LDOENA pin must not be asserted.)
See “Charge Pumps, Regulators and Voltage Reference” for details of the LDO1_ENA control bit.
INTERRUPT CONTROL
An Interrupt Request (IRQ) event can be associated with the JD1, GP5 or MICDET Clamp signals.
Separate ‘mask’ bits are provided to enable IRQ events on the rising and/or falling edges of each
signal.
See “Interrupts” for further details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com