Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 230 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 230 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 226Page - Cirrus Logic WM8281ECS/R Datasheet HTML 227Page - Cirrus Logic WM8281ECS/R Datasheet HTML 228Page - Cirrus Logic WM8281ECS/R Datasheet HTML 229Page - Cirrus Logic WM8281ECS/R Datasheet HTML 230Page - Cirrus Logic WM8281ECS/R Datasheet HTML 231Page - Cirrus Logic WM8281ECS/R Datasheet HTML 232Page - Cirrus Logic WM8281ECS/R Datasheet HTML 233Page - Cirrus Logic WM8281ECS/R Datasheet HTML 234Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 392 page
background image
WM8281
230
Rev 4.0
GPIO FUNCTION SELECT
The available GPIO functions for GPIO pins 1, 2, 3 and 4 are described in Table 87. A subset of these
functions is available for GPIO5, as described in Table 88.
The function of each GPIO is set using the GPn_FN register, where n identifies the GPIO pin (1, 2, 3,
4 or 5). Note that the respective GPn_DIR must also be set according to whether the function is an
input or output.
GPn_FN
DESCRIPTION
COMMENTS
00h
GPIO1 - AIF1TXLRCLK
GPIO2 - AIF2TXLRCLK
GPIO3 - AIF3TXLRCLK
GPIO4 - Reserved
Alternate Audio Interface connections for AIF1, AIF2 and
AIF3
01h
Button detect input / Logic
level output
GPn_DIR = 0: GPIO pin logic level is set by GPn_LVL.
GPn_DIR = 1: Button detect or logic level input.
02h
IRQ1 Output
Interrupt (IRQ1) output
0 = IRQ1 not asserted
1 = IRQ1 asserted
03h
IRQ2 Output
Interrupt (IRQ2) output
0 = IRQ2 not asserted
1 = IRQ2 asserted
04h
OPCLK Clock Output
Configurable clock output derived from SYSCLK
05h
FLL1 Clock
Clock output from FLL1
06h
FLL2 Clock
Clock output from FLL2
08h
PWM1 Output
Configurable Pulse Width Modulation output PWM1
09h
PWM2 Output
Configurable Pulse Width Modulation output PWM2
0Ah
SYSCLK Underclocked
Error
Indicates that an unsupported clocking configuration has
been attempted
0 = Normal
1 = SYSCLK underclocking error
0Bh
ASYNCCLK
Underclocked Error
Indicates that an unsupported clocking configuration has
been attempted
0 = Normal
1 = ASYNCCLK underclocking error
0Ch
FLL1 Lock
Indicates FLL1 Lock status
0 = Not locked
1 = Locked
0Dh
FLL2 Lock
Indicates FLL2 Lock status
0 = Not locked
1 = Locked
0Fh
FLL1 Clock OK
Indicates FLL1 Clock OK status
0 = FLL1 Clock output is not active
1 = FLL1 Clock output is active
10h
FLL2 Clock OK
Indicates FLL2 Clock OK status
0 = FLL2 Clock output is not active
1 = FLL2 Clock output is active
12h
Headphone detect
Indicates Headphone Detection status
0 = Headphone Detect not complete
1 = Headphone Detect complete
13h
Microphone detect
Microphone Detect (MICDET accessory) IRQ output
A single 31
s pulse is output whenever an accessory
insertion, removal or impedance change is detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com