Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 233 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 233 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 229Page - Cirrus Logic WM8281ECS/R Datasheet HTML 230Page - Cirrus Logic WM8281ECS/R Datasheet HTML 231Page - Cirrus Logic WM8281ECS/R Datasheet HTML 232Page - Cirrus Logic WM8281ECS/R Datasheet HTML 233Page - Cirrus Logic WM8281ECS/R Datasheet HTML 234Page - Cirrus Logic WM8281ECS/R Datasheet HTML 235Page - Cirrus Logic WM8281ECS/R Datasheet HTML 236Page - Cirrus Logic WM8281ECS/R Datasheet HTML 237Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 392 page
background image
WM8281
Rev 4.0
233
GPn_FN
DESCRIPTION
COMMENTS
3Ch
DSP IRQ8 Flag
DSP Status flag (DSP_IRQ8) output
0 = DSP_IRQ6 not asserted
1 = DSP_IRQ6 asserted
3Dh
OPCLK Async Clock
Output
Configurable clock output derived from ASYNCCLK
44h
Boot Done
Boot Status
A short pulse is output when the Boot Sequence has
completed.
45h
DSP1 RAM Ready
DSP1 RAM Status
0 = Not ready
1 = Ready
46h
DSP2 RAM Ready
DSP2 RAM Status
0 = Not ready
1 = Ready
47h
DSP3 RAM Ready
DSP3 RAM Status
0 = Not ready
1 = Ready
48h
DSP4 RAM Ready
DSP4 RAM Status
0 = Not ready
1 = Ready
4Bh
SYSCLK_ENA Status
SYSCLK_ENA Status
0 = SYSCLK_ENA is enabled
1 = SYSCLK_ENA is disabled
4Ch
ASYNC_CLK_ENA
Status
ASYNC_CLK_ENA Status
0 = ASYNC_CLK_ENA is enabled
1 = ASYNC_CLK_ENA is disabled
4Dh
ISRC1 Configuration
Error
Indicates ISRC1 configuration error
0 = ISRC configuration OK
1 = ISRC configuration error
4Eh
ISRC2 Configuration
Error
Indicates ISRC2 configuration error
0 = ISRC configuration OK
1 = ISRC configuration error
4Fh
ISRC3 Configuration
Error
Indicates ISRC3 configuration error
0 = ISRC configuration OK
1 = ISRC configuration error
53h
HPOUT1L Short Circuit
Status (Negative side)
HPOUT1L Short Circuit status
0 = Normal
1 = Short Circuit detected
54h
HPOUT1R Short Circuit
Status (Negative side)
HPOUT1R Short Circuit status
0 = Normal
1 = Short Circuit detected
55h
HPOUT1L Short Circuit
Status (Positive side)
HPOUT1L Short Circuit status
0 = Normal
1 = Short Circuit detected
56h
HPOUT1R Short Circuit
Status (Positive side)
HPOUT1R Short Circuit status
0 = Normal
1 = Short Circuit detected
57h
HPOUT2L Short Circuit
Status (Negative side)
HPOUT2L Short Circuit status
0 = Normal
1 = Short Circuit detected
58h
HPOUT2R Short Circuit
Status (Negative side)
HPOUT2R Short Circuit status
0 = Normal
1 = Short Circuit detected
59h
HPOUT2L Short Circuit
Status (Positive side)
HPOUT2L Short Circuit status
0 = Normal
1 = Short Circuit detected
5Ah
HPOUT2R Short Circuit
HPOUT2R Short Circuit status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com