Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 237 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 237 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 233Page - Cirrus Logic WM8281ECS/R Datasheet HTML 234Page - Cirrus Logic WM8281ECS/R Datasheet HTML 235Page - Cirrus Logic WM8281ECS/R Datasheet HTML 236Page - Cirrus Logic WM8281ECS/R Datasheet HTML 237Page - Cirrus Logic WM8281ECS/R Datasheet HTML 238Page - Cirrus Logic WM8281ECS/R Datasheet HTML 239Page - Cirrus Logic WM8281ECS/R Datasheet HTML 240Page - Cirrus Logic WM8281ECS/R Datasheet HTML 241Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 392 page
background image
WM8281
Rev 4.0
237
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R329
(0149h)
Output
system
clock
15
OPCLK_ENA
0
OPCLK Enable
0 = Disabled
1 = Enabled
7:3
OPCLK_DIV [4:0]
00h
OPCLK Divider
00h = Divide by 1
01h = Divide by 1
02h = Divide by 2
03h = Divide by 3
…
1Fh = Divide by 31
2:0
OPCLK_SEL [2:0]
000
OPCLK Source Frequency
000 = 6.144MHz (5.6448MHz)
001 = 12.288MHz (11.2896MHz)
010 = 24.576MHz (22.5792MHz)
011 = 49.152MHz (45.1584MHz)
All other codes are Reserved
The frequencies in brackets apply for
44.1kHz-related SYSCLK rates only (ie.
SAMPLE_RATE_n = 01XXX).
The OPCLK Source Frequency must be
less than or equal to the SYSCLK
frequency.
R330
(014Ah)
Output
async clock
15
OPCLK_ASYNC_
ENA
0
OPCLK_ASYNC Enable
0 = Disabled
1 = Enabled
7:3
OPCLK_ASYNC_
DIV [4:0]
00h
OPCLK_ASYNC Divider
00h = Divide by 1
01h = Divide by 1
02h = Divide by 2
03h = Divide by 3
…
1Fh = Divide by 31
2:0
OPCLK_ASYNC_
SEL [2:0]
000
OPCLK_ASYNC Source Frequency
000 = 6.144MHz (5.6448MHz)
001 = 12.288MHz (11.2896MHz)
010 = 24.576MHz (22.5792MHz)
011 = 49.152MHz (45.1584MHz)
All other codes are Reserved
The frequencies in brackets apply for
44.1kHz-related ASYNCCLK rates only
(ie. ASYNC_SAMPLE_RATE_n =
01XXX).
The OPCLK_ASYNC Source Frequency
must be less than or equal to the
ASYNCCLK frequency.
Table 90 OPCLK and OPCLK_ASYNC Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com