Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 240 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 240 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 236Page - Cirrus Logic WM8281ECS/R Datasheet HTML 237Page - Cirrus Logic WM8281ECS/R Datasheet HTML 238Page - Cirrus Logic WM8281ECS/R Datasheet HTML 239Page - Cirrus Logic WM8281ECS/R Datasheet HTML 240Page - Cirrus Logic WM8281ECS/R Datasheet HTML 241Page - Cirrus Logic WM8281ECS/R Datasheet HTML 242Page - Cirrus Logic WM8281ECS/R Datasheet HTML 243Page - Cirrus Logic WM8281ECS/R Datasheet HTML 244Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 392 page
background image
WM8281
240
Rev 4.0
GPN_FN
DESCRIPTION
COMMENTS
2Fh
HPOUT1L Enable Status
A short pulse is output when the respective
control sequence has completed.
30h
HPOUT1R Enable Status
31h
HPOUT2L Enable Status
32h
HPOUT2R Enable Status
33h
HPOUT3L Enable Status
34h
HPOUT3R Enable Status
Table 92 Headphone Enable Status Indications
BOOT DONE STATUS OUTPUT
GPn_FN = 44h.
The WM8281 executes a user-configurable Boot Sequence following Power-On Reset (POR),
Hardware Reset, Software Reset or Wake-Up (from Sleep mode). Control register writes should not
be attempted while the Boot Sequence is running.
For details of the Boot Sequence, see “Control Write Sequencer”.
The BOOT_DONE_STS register bit (see Table 128) indicates the status of the Boot Sequence.
(When BOOT_DONE_STS=1, then the Boot Sequence is complete.)
A logic signal from the Boot Sequence function may be output directly on a GPIO pin by setting the
respective GPIO registers as described in “GPIO Control”. This logic signal is set high for a short
pulse duration (approx. 100ns) when the Boot Sequence has completed. To output this signal, the
Boot Sequence must be programmed to configure a GPIO pin for this function. Note that, under
default register conditions, completion of the Boot Sequence is indicated via the Interrupt circuit.
The BOOT_DONE_STS signal is also an input to the Interrupt Controller circuit. An interrupt event is
triggered on the rising edge of this signal. The associated interrupt bit is latched once set; it can be
polled at any time or used to control the IRQ signal. See “Interrupts” for more details of the Interrupt
event handling.
ASYNCHRONOUS SAMPLE RATE CONVERTER (ASRC) LOCK STATUS OUTPUT
GPn_FN = 1Ah, 1Bh.
The WM8281 maintains a flag indicating the lock status of the Asynchronous Sample Rate Converters
(ASRCs)
, which may be used to control other events if required. See “Digital Core” for more details of
the ASRCs.
The ASRC Lock signals may be output directly on a GPIO pin by setting the respective GPIO
registers as described in “GPIO Control”.
The ASRC Lock signals are inputs to the Interrupt control circuit. An interrupt event is triggered on the
rising and falling edges of the ASRC Lock signals. The associated interrupt bits are latched once set;
they can be polled at any time or used to control the IRQ signal. See “Interrupts” for more details of
the Interrupt event handling.
ASYNCHRONOUS SAMPLE RATE CONVERTER (ASRC) CONFIGURATION ERROR
STATUS OUTPUT
GPn_FN = 1Ch.
The WM8281 performs automatic checks to confirm that the ASRCs are configured with valid settings.
Invalid settings include conditions where one of the associated sample rates is higher than 48kHz. If
an invalid ASRC configuration is detected, this can be indicated using the GPIO and/or Interrupt
functions.
The ASRC Configuration Error signal may be output directly on a GPIO pin by setting the respective
GPIO registers as described
in “GPIO Control”.
The ASRC Configuration Error signal is an input to the Interrupt Controller circuit. An interrupt event is
triggered on the rising edge of the ASRC Configuration Error signal. The associated interrupt bit is
latched once set; it
can be polled at any time or used to control the IRQ signal. See “Interrupts” for
more details of the Interrupt event handling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com