Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 242 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 242 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 238Page - Cirrus Logic WM8281ECS/R Datasheet HTML 239Page - Cirrus Logic WM8281ECS/R Datasheet HTML 240Page - Cirrus Logic WM8281ECS/R Datasheet HTML 241Page - Cirrus Logic WM8281ECS/R Datasheet HTML 242Page - Cirrus Logic WM8281ECS/R Datasheet HTML 243Page - Cirrus Logic WM8281ECS/R Datasheet HTML 244Page - Cirrus Logic WM8281ECS/R Datasheet HTML 245Page - Cirrus Logic WM8281ECS/R Datasheet HTML 246Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 392 page
background image
WM8281
242
Rev 4.0
DYNAMIC RANGE CONTROL (DRC) STATUS OUTPUT
GPn_FN = 1Dh, 1Eh, 1Fh, 20h, 21h, 22h, 23h, 24h, 25h, 26h.
The Dynamic Range Control (DRC) circuits provide status outputs, which may be used to control
other events if required.
The DRC status flags may be output directly on a GPIO pin by setting the respective GPIO registers
as described in “GPIO Control”. The DRC status outputs are described in Table 93.
See “Digital Core” for more details of the DRC.
GPN_FN
DESCRIPTION
COMMENTS
1Dh
DRC1 Signal Detect
Indicates a signal is present on the respective DRC
path. The threshold level is configurable (see Table 15).
1Eh
DRC1 Anti-Clip Active
Indicates the DRC anti-clip function has been triggered;
the DRC gain is decreasing in response to a rising
signal level.
1Fh
DRC1 Decay Active
Indicates that the DRC gain is increasing in response to
a low-level signal input.
20h
DRC1 Noise Gate Active
Indicates that the DRC noise gate has been triggered;
an idle signal condition has been detected.
21h
DRC1 Quick Release
Active
Indicates that the DRC quick-release function has been
triggered; the DRC gain is increasing rapidly following
detection of a short transient peak.
22h
DRC2 Signal Detect
Description as above.
23h
DRC2 Anti-Clip Active
Description as above.
24h
DRC2 Decay Active
Description as above.
25h
DRC2 Noise Gate Active
Description as above.
26h
DRC2 Quick Release
Active
Description as above.
Table 93 Dynamic Range Control (DRC) Status Indications
CONTROL WRITE SEQUENCER STATUS OUTPUT
GPn_FN = 15h.
The WM8281 Control Write Sequencer (WSEQ) can be used to execute a sequence of register write
operations in response to a simple trigger event.
See “Control Write Sequencer” for details of the
Control Write Sequencer.
The WSEQ_BUSY register bit (see Table 121) indicates the status of the Control Write Sequencer.
When WSEQ_BUSY=1, this indicates that one or more Write Sequence operations are in progress or
are queued for sequential execution.
A logic signal from the Write Sequencer function may be output directly on a GPIO pin by setting the
respective GPIO registers as described in “GPIO Control”. This logic signal is set high for a short
pulse duration (approx. 100ns) whenever the Write Sequencer has completed all scheduled
sequences, and there are no more pending operations
The Write Sequencer status is an input to the Interrupt control circuit. An interrupt event is triggered
on completion of a Control Sequence. The associated interrupt bit is latched once set; it can be polled
at any time or used to control the IRQ signal. See “Interrupts” for more details of the Interrupt event
handling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com