Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 244 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 244 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 240Page - Cirrus Logic WM8281ECS/R Datasheet HTML 241Page - Cirrus Logic WM8281ECS/R Datasheet HTML 242Page - Cirrus Logic WM8281ECS/R Datasheet HTML 243Page - Cirrus Logic WM8281ECS/R Datasheet HTML 244Page - Cirrus Logic WM8281ECS/R Datasheet HTML 245Page - Cirrus Logic WM8281ECS/R Datasheet HTML 246Page - Cirrus Logic WM8281ECS/R Datasheet HTML 247Page - Cirrus Logic WM8281ECS/R Datasheet HTML 248Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 392 page
background image
WM8281
244
Rev 4.0
CLOCKING ERROR STATUS OUTPUT
GPn_FN = 0Ah, 0Bh, 17h, 18h, 19h, 27h, 2Dh, 2Eh.
The WM8281 performs automatic checks to confirm that the system clocks are correctly configured
according to the commanded functionality. An invalid configuration is one where there are insufficient
clock cycles to support the digital processing required by the commanded signal paths.
An Underclocked Error condition is where there are insufficient clock cycles for the requested
functionality, and increasing the SYSCLK or ASYNCCLK frequency (as applicable) should allow the
selected configuration to be supported.
An Overclocked Error condition is where the requested functionality cannot be supported, as the
clocking requirements of the requested configuration exceed the device limits.
The system clocks (SYSCLK and, where applicable, ASYNCCLK) must be enabled before any signal
path is enabled. If an attempt is made to enable a signal path, and there are insufficient clock cycles
to support that path, then the attempt will be unsuccessful. Note that any signal paths that are already
active will not be affected under these circumstances.
The Clocking Error signals may be output directly on a GPIO pin by setting the respective GPIO
registers as described in “GPIO Control”. The Clocking Error conditions are described in Table 94.
The Clocking Error signals are inputs to the Interrupt Controller circuit. An interrupt event is triggered
on the rising and falling edges of the Clocking Error signals. The associated interrupt bits are latched
once set; they can be polled at any time or used to control the IR
Q signal. See “Interrupts” for more
details of the Interrupt event handling.
GPN_FN
DESCRIPTION
COMMENTS
0Ah
SYSCLK Underclocked
Indicates insufficient SYSCLK cycles for the
commanded functionality.
0Bh
ASYNCCLK
Underclocked
Indicates insufficient ASYNCCLK cycles for the
commanded functionality.
17h
ADC Overflow Error
Indicates an overflow condition in the input signal paths.
18h
ADC CIC Error
Indicates a CIC error condition in the input signal paths.
19h
ADC FIFO Error
Indicates a FIFO error condition in the input signal
paths.
27h
Mixer Dropped Sample
Error
Indicates a dropped sample in the digital core mixer
function.
2Dh
Underclocked Error
Indicates insufficient SYSCLK or ASYNCCLK cycles for
one or more of the selected signal paths or signal
processing functions. Increasing the SYSCLK or
ASYNCCLK frequency (as applicable) should allow the
selected configuration to be supported.
Status bits associated with specific sub-systems provide
further de-bug capability.
The INnx_ENA_STS bits in register R769 indicate the
status of each of the input (analogue or digital
microphone) signal paths.
The OUTnx_ENA_STS bits in registers R1025 and
R1030 indicate the status of each of the output
(Headphone, Speaker or PDM) signal paths.
The ASRCnx_ENA_STS bits in register R3809 indicate
the status of each of the ASRC signal paths.
The FX_STS field in register R3585 indicates the status
of each of the Effects (EQ, DRC or LHPF) signal paths.
The *MIX_STSn fields in registers R1600 to R3000
indicate the status of each of the Digital Core mixer
signal paths.
The ISRCn and AIFn functions are also inputs to the
Underclocked Error status indication, but there are no
specific _STS register bits associated with these.
2Eh
Overclocked Error
Indicates that an unsupported device configuration has
been attempted, as the clocking requirements of the
requested configuration exceed the device limits.
Table 94 Clocking Error Status Indications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com