Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 243 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 243 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 239Page - Cirrus Logic WM8281ECS/R Datasheet HTML 240Page - Cirrus Logic WM8281ECS/R Datasheet HTML 241Page - Cirrus Logic WM8281ECS/R Datasheet HTML 242Page - Cirrus Logic WM8281ECS/R Datasheet HTML 243Page - Cirrus Logic WM8281ECS/R Datasheet HTML 244Page - Cirrus Logic WM8281ECS/R Datasheet HTML 245Page - Cirrus Logic WM8281ECS/R Datasheet HTML 246Page - Cirrus Logic WM8281ECS/R Datasheet HTML 247Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 392 page
background image
WM8281
Rev 4.0
243
CONTROL INTERFACE ERROR STATUS OUTPUT
GPn_FN = 16h.
The WM8281 is controlled by writing to registers through a 2-wire (I2C) or 4-wire (SPI) serial control
interface, as
described in the “Control Interface” section. The SLIMbus interface also supports
read/write access to the control registers, as described in the “SLIMbus Interface Control” section.
The WM8281 performs automatic checks to confirm if a register access is successful. Register access
will be unsuccessful if an invalid register address is selected. Read/write access to the DSP firmware
memory will be unsuccessful if the associated clocking is not enabled. If an invalid or unsuccessful
register operation is attempted, this can be indicated using the GPIO and/or Interrupt functions.
The Control Interface Error signal may be output directly on a GPIO pin by setting the respective
GPIO registers as described in “GPIO Control”.
The Control Interface Error signal is an input to the Interrupt Controller circuit. An interrupt event is
triggered on the rising edge of the Control Interface Error signal. The associated interrupt bit is latched
once set; it can be polled at any time or used to con
trol the IRQ signal. See “Interrupts” for more
details of the Interrupt event handling.
SYSTEM CLOCKS ENABLE STATUS OUTPUT
GPn_FN = 4Bh, 4Ch.
The WM8281 requires a system clock (SYSCLK) for its internal functions and to support the
input/output signal paths. The WM8281 can support two independent clock domains, with selected
functions referenced to the ASYNCCLK clock domain. See “Clocking and Sample Rates” for details of
these clocks.
The SYSCLK_ENA and ASYNC_CLK_ENA registers (see Table 101) control the SYSCLK and
ASYNCCLK signals respectively.
When ‘0’ is written to these registers, the host processor must wait
until the WM8281 has shut down the associated functions before issuing any other register write
commands.
The SYSCLK Enable and ASYNCCLK Enable status may be output directly on a GPIO pin by setting
the respective GPIO registers as described in “GPIO Control”.
The SYSCLK Enable and ASYNCCLK Enable signals are inputs to the Interrupt Controller circuit. An
interrupt event is triggered when the respective clock functions have been shut down. The associated
interrupt bit is latched once set; it can be polled at any time or used to control the IRQ signal. See
“Interrupts” for more details of the Interrupt event handling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com