Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 241 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 241 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 237Page - Cirrus Logic WM8281ECS/R Datasheet HTML 238Page - Cirrus Logic WM8281ECS/R Datasheet HTML 239Page - Cirrus Logic WM8281ECS/R Datasheet HTML 240Page - Cirrus Logic WM8281ECS/R Datasheet HTML 241Page - Cirrus Logic WM8281ECS/R Datasheet HTML 242Page - Cirrus Logic WM8281ECS/R Datasheet HTML 243Page - Cirrus Logic WM8281ECS/R Datasheet HTML 244Page - Cirrus Logic WM8281ECS/R Datasheet HTML 245Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 392 page
background image
WM8281
Rev 4.0
241
ISOCHRONOUS SAMPLE RATE CONVERTER (ISRC) CONFIGURATION ERROR
STATUS OUTPUT
GPn_FN = 4Dh, 4Eh, 4Fh.
The WM8281 performs automatic checks to confirm that the ISRCs are configured with valid settings.
Invalid settings include conditions where an invalid combination of sample rates is configured. If an
invalid ISRC configuration is detected, this can be indicated using the GPIO and/or Interrupt functions.
The ISRC Configuration Error signal may be output directly on a GPIO pin by setting the respective
GPIO registers as described in “GPIO Control”.
The ISRC Configuration Error signals are inputs to the Interrupt Controller circuit. An interrupt event is
triggered on the rising edge of the ISRC Configuration Error signals. The associated interrupt bits are
latched once set; they
can be polled at any time or used to control the IRQ signal. See “Interrupts” for
more details of the Interrupt event handling.
OVER-TEMPERATURE, SHORT CIRCUIT PROTECTION, AND SPEAKER SHUTDOWN
STATUS OUTPUT
GPn_FN = 2Bh, 2Ch, 53h, 54h, 55h, 56h, 57h, 58h, 59h, 5Ah, 5Bh, 5Ch, 5Dh, 5Eh, 5Fh, 60h, 61h.
The WM8281 incorporates a temperature sensor which detects when the device temperature is within
normal limits or if the device is approaching a hazardous temperature condition.
The temperature status may be output directly on a GPIO pin by setting the respective GPIO registers
as described in “GPIO Control”. A GPIO pin can be used to indicate either an Overheat Warning
Temperature event or an Overheat Shutdown Temperature event.
The WM8281 provides short circuit protection on the Class D speaker outputs, and on each of the
headphone output paths.
The status of each of the short circuit detection circuits may be output directly on a GPIO pin by
setting the respective GPIO registers as described in “GPIO Control”.
Note that two short circuit indications are implemented for each headphone output channel (relating to
detection in the positive and negative output voltage regions respectively); if either of these indications
is asserted, then a short circuit condition exists in the respective output path.
If the Overheat Shutdown Temperature is exceeded, or if a short circuit is detected on the Class D
speaker outputs, then the Class D speaker outputs will automatically be disabled in order to protect
the device. When the speaker driver shutdown is complete, the Speaker Shutdown signal will be
asserted. The speaker driver shutdown status can also be output directly on a GPIO pin.
The Overtemperature, Short Circuit protection, and Speaker Shutdown status flags are inputs to the
Interrupt control circuit. An interrupt event may be triggered on the applicable edges of these signals.
The associated interrupt bit is latched once set; it can be polled at any time or used to control the IRQ
signal. See “Interrupts” for more details of the Interrupt event handling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com