Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 238 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 238 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 234Page - Cirrus Logic WM8281ECS/R Datasheet HTML 235Page - Cirrus Logic WM8281ECS/R Datasheet HTML 236Page - Cirrus Logic WM8281ECS/R Datasheet HTML 237Page - Cirrus Logic WM8281ECS/R Datasheet HTML 238Page - Cirrus Logic WM8281ECS/R Datasheet HTML 239Page - Cirrus Logic WM8281ECS/R Datasheet HTML 240Page - Cirrus Logic WM8281ECS/R Datasheet HTML 241Page - Cirrus Logic WM8281ECS/R Datasheet HTML 242Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 392 page
background image
WM8281
238
Rev 4.0
FREQUENCY LOCKED LOOP (FLL) STATUS OUTPUT
GPn_FN = 0Ch, 0Dh, 0Fh, 10h.
The WM8281 supports FLL status flags, which may be
used to control other events. See “Clocking
and Sample Rates
” for more details of the FLL.
The ‘FLL Clock OK’ signals indicate that the respective FLL has started up and is providing an output
clock. The ‘FLL Lock’ signals indicate whether FLL Lock has been achieved.
The FLL Clock OK and FLL Lock signals may be output directly on a GPIO pin by setting the
respective GPI
O registers as described in “GPIO Control”.
The FLL Clock OK and FLL Lock signals are inputs to the Interrupt Controller circuit. An interrupt
event is triggered on the rising and falling edges of these signals. The associated interrupt bits are
latched once set; they
can be polled at any time or used to control the IRQ signal. See “Interrupts” for
more details of the Interrupt event handling.
FREQUENCY LOCKED LOOP (FLL) CLOCK OUTPUT
GPn_FN = 05h, 06h.
Clock outputs derived from the FLLs may be output on a GPIO pin. The GPIO output from each FLLn
(where ‘n’ is 1 or 2) is controlled by the respective FLLn_GPCLK_DIV and FLLn_GPCLK_ENA
registers, as described in Table 91.
It is recommended to disable the clock output (FLLn_GPCLK_ENA=0) before making any change to
the respective FLLn_GPCLK_DIV register.
Note that the FLLn_GPCLK_DIV and FLLn_GPCLK_ENA registers affect the GPIO outputs only; they
do not affect the FLL frequency. The maximum output frequency supported for GPIO output is noted
in the “Electrical Characteristics”.
The Frequency Locked Loop (FLL) Clock outputs may be output directly on a GPIO pin by setting the
respective GPIO registers as described in “GPIO Control”.
See “Clocking and Sample Rates” for more details of the WM8281 system clocking and for details of
how to configure the FLLs.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R394
(018Ah)
FLL1 GPIO
Clock
7:1
FLL1_GPCLK_DI
V [6:0]
06h
FLL1 GPIO Clock Divider
00h to 06h= Divide by 6
07h = Divide by 7
08h = Divide by 8
09h = Divide by 9
…
7Fh = Divide by 127
(FGPIO = FVCO / FLL1_GPCLK_DIV)
0
FLL1_GPCLK_EN
A
0
FLL1 GPIO Clock Enable
0 = Disabled
1 = Enabled
R426
(01AAh)
FLL2 GPIO
Clock
7:1
FLL2_GPCLK_DI
V [6:0]
06h
FLL2 GPIO Clock Divider
00h to 06h= Divide by 6
07h = Divide by 7
08h = Divide by 8
09h = Divide by 9
…
7Fh = Divide by 127
(FGPIO = FVCO / FLL2_GPCLK_DIV)
0
FLL2_GPCLK_EN
A
0
FLL2 GPIO Clock Enable
0 = Disabled
1 = Enabled
Table 91 FLL Clock Output Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com