Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 235 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 235 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 231Page - Cirrus Logic WM8281ECS/R Datasheet HTML 232Page - Cirrus Logic WM8281ECS/R Datasheet HTML 233Page - Cirrus Logic WM8281ECS/R Datasheet HTML 234Page - Cirrus Logic WM8281ECS/R Datasheet HTML 235Page - Cirrus Logic WM8281ECS/R Datasheet HTML 236Page - Cirrus Logic WM8281ECS/R Datasheet HTML 237Page - Cirrus Logic WM8281ECS/R Datasheet HTML 238Page - Cirrus Logic WM8281ECS/R Datasheet HTML 239Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 392 page
background image
WM8281
Rev 4.0
235
DIGITAL AUDIO INTERFACE FUNCTION (AIFnTXLRCLK)
GPn_FN = 00h.
The WM8281 provides three digital audio interfaces (AIF1, AIF2 and AIF3).
Under default conditions, the input (RX) and output (TX) paths of each interface use the respective
AIFnRXLRCLK signal as the frame synchronisation clock. If desired, the output (TX) interface can be
configured to use a separate frame clock, AIFnTXLRCLK, using the AIFnTX_LRCLK_SRC registers
as described in “Digital Audio Interface Control”.
The AIFnTXLRCLK function is selected on the respective GPIO pin by setting the GPIO registers as
described in “GPIO Control”.
BUTTON DETECT (GPIO INPUT)
GPn_FN = 01h.
Button detect functionality can be selected on a GPIO pin by setting the respective GPIO registers as
described in “GPIO Control”. The same functionality can be used to support a Jack Detect input
function.
It is recommended to enable the GPIO input de-bounce feature when using GPIOs as button input or
Jack Detect input.
The GPn_LVL fields may be read to determine the logic levels on a GPIO input, after the selectable
de-bounce controls. Note that GPn_LVL is not affected by the GPn_POL bit.
The de-bounced GPIO signals are also inputs to the Interrupt control circuit. An interrupt event is
triggered on the rising and falling edges of the GPIO input. The associated interrupt bits are latched
once set; it can be polled at any time or used to control the IRQ signal.
See “Interrupts” for more
details of the Interrupt event handling.
LOGIC ‘1’ AND LOGIC ‘0’ OUTPUT (GPIO OUTPUT)
GPn_FN = 01h.
The WM8281 can be programmed to drive a logic high or logic low level on a GPIO pin by selecting
the “GPIO Output” function as described in “GPIO Control”.
The output logic level is selected using the respective GPn_LVL bit. Note that the GPn_LVL registers
are ‘write only’ when the respective GPIO pin is configured as an output.
The polarity of the GPIO output can be inverted using the GPn_POL registers. If GPn_POL=1, then
the external output will be the opposite logic level to GPn_LVL.
INTERRUPT (IRQ) STATUS OUTPUT
GPn_FN = 02h, 03h.
The WM8281 has an Interrupt Controller which can be used to indicate when any selected Interrupt
events occur. An interrupt can be generated by any of the events described throughout the GPIO
function definition above. Individual interrupts may be masked in order to configure the Interrupt as
required. See “Interrupts” for further details.
The Interrupt Controller supports two separate Interrupt Request (IRQ) outputs. The IRQ1 or IRQ2
status may be output directly on a GPIO pin by setting the respective GPIO registers as described in
“GPIO Control”.
Note that the IRQ1 status is output on the IRQ
¯¯¯ pin at all times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com