Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 232 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 232 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 228Page - Cirrus Logic WM8281ECS/R Datasheet HTML 229Page - Cirrus Logic WM8281ECS/R Datasheet HTML 230Page - Cirrus Logic WM8281ECS/R Datasheet HTML 231Page - Cirrus Logic WM8281ECS/R Datasheet HTML 232Page - Cirrus Logic WM8281ECS/R Datasheet HTML 233Page - Cirrus Logic WM8281ECS/R Datasheet HTML 234Page - Cirrus Logic WM8281ECS/R Datasheet HTML 235Page - Cirrus Logic WM8281ECS/R Datasheet HTML 236Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 392 page
background image
WM8281
232
Rev 4.0
GPn_FN
DESCRIPTION
COMMENTS
2Bh
Speaker Overheat
Shutdown
Indicates Shutdown Temperature status
0 = Temperature is below shutdown level
1 = Temperature is above shutdown level
2Ch
Speaker Overheat
Warning
Indicates Warning Temperature status
0 = Temperature is below warning level
1 = Temperature is above warning level
2Dh
Underclocked Error
Indicates insufficient SYSCLK or ASYNCCLK cycles for
one or more of the selected signal paths or signal
processing functions. Increasing the SYSCLK or
ASYNCCLK frequency (as applicable) should allow the
selected configuration to be supported.
0 = Normal
1 = Underclocked error
2Eh
Overclocked Error
Indicates that an unsupported device configuration has
been attempted, as the clocking requirements of the
requested configuration exceed the device limits.
0 = Normal
1 = Overclocked error
2Fh
HP1L Status
HPOUT1L Enable Status
A short pulse is output when the HPOUT1L Enable
control sequence has completed.
30h
HP1R Status
HPOUT1R Enable Status
A short pulse is output when the HPOUT1R Enable
control sequence has completed.
31h
HP2L Status
HPOUT2L Enable Status
A short pulse is output when the HPOUT2L Enable
control sequence has completed.
32h
HP2R Status
HPOUT2R Enable Status
A short pulse is output when the HPOUT2R Enable
control sequence has completed.
33h
HP3L Status
HPOUT3L Enable Status
A short pulse is output when the HPOUT3L Enable
control sequence has completed.
34h
HP3R Status
HPOUT3R Enable Status
A short pulse is output when the HPOUT3R Enable
control sequence has completed.
35h
DSP IRQ1 Flag
DSP Status flag (DSP_IRQ1) output
0 = DSP_IRQ1 not asserted
1 = DSP_IRQ1 asserted
36h
DSP IRQ2 Flag
DSP Status flag (DSP_IRQ2) output
0 = DSP_IRQ2 not asserted
1 = DSP_IRQ2 asserted
37h
DSP IRQ3 Flag
DSP Status flag (DSP_IRQ3) output
0 = DSP_IRQ3 not asserted
1 = DSP_IRQ3 asserted
38h
DSP IRQ4 Flag
DSP Status flag (DSP_IRQ4) output
0 = DSP_IRQ4 not asserted
1 = DSP_IRQ4 asserted
39h
DSP IRQ5 Flag
DSP Status flag (DSP_IRQ5) output
0 = DSP_IRQ5 not asserted
1 = DSP_IRQ5 asserted
3Ah
DSP IRQ6 Flag
DSP Status flag (DSP_IRQ6) output
0 = DSP_IRQ6 not asserted
1 = DSP_IRQ6 asserted
3Bh
DSP IRQ7 Flag
DSP Status flag (DSP_IRQ7) output
0 = DSP_IRQ6 not asserted
1 = DSP_IRQ6 asserted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com