Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 236 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 236 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 232Page - Cirrus Logic WM8281ECS/R Datasheet HTML 233Page - Cirrus Logic WM8281ECS/R Datasheet HTML 234Page - Cirrus Logic WM8281ECS/R Datasheet HTML 235Page - Cirrus Logic WM8281ECS/R Datasheet HTML 236Page - Cirrus Logic WM8281ECS/R Datasheet HTML 237Page - Cirrus Logic WM8281ECS/R Datasheet HTML 238Page - Cirrus Logic WM8281ECS/R Datasheet HTML 239Page - Cirrus Logic WM8281ECS/R Datasheet HTML 240Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 392 page
background image
WM8281
236
Rev 4.0
DSP STATUS FLAG (DSP IRQn) OUTPUT
GPn_FN = 35h, 36h, 37h, 38h, 39h, 3A, 3Bh, 3Ch, 45h, 46h, 47h, 48h.
The WM8281 supports up to eight DSP Status flags as outputs from the DSP blocks. These are
configurable within the DSP to provide external indication of the required function(s). Status flags
indicating the DSPn RAM status (where ‘n’ is 1, 2, 3 or 4) are also supported. See “Digital Core” for
more details of the DSP blocks.
The DSP Status and DSP RAM Ready flags may be output directly on a GPIO pin by setting the
respective GPIO registers as described in “GPIO Control”. The DSP Status and DSP RAM Ready
outputs are described in Table 89.
The DSP Status flags are inputs to the Interrupt Controller circuit. An interrupt event is triggered on
the rising edge of the DSP Status (DSP_IRQn) flags or DSP RAM Ready flags. The associated
interrupt bits are latched once set; they can be polled at any time or used to control the IRQ signal.
See “Interrupts” for more details of the Interrupt event handling.
GPN_FN
DESCRIPTION
COMMENTS
35h
DSP Status (DSP_IRQ1)
External indication of DSP_IRQ1_STS
36h
DSP Status (DSP_IRQ2)
External indication of DSP_IRQ2_STS
37h
DSP Status (DSP_IRQ3)
External indication of DSP_IRQ3_STS
38h
DSP Status (DSP_IRQ4)
External indication of DSP_IRQ4_STS
39h
DSP Status (DSP_IRQ5)
External indication of DSP_IRQ5_STS
3Ah
DSP Status (DSP_IRQ6)
External indication of DSP_IRQ6_STS
3Bh
DSP Status (DSP_IRQ7)
External indication of DSP_IRQ7_STS
3Ch
DSP Status (DSP_IRQ8)
External indication of DSP_IRQ8_STS
45h
DSP1 RAM Ready
Indicates DSP1 RAM Ready status
46h
DSP2 RAM Ready
Indicates DSP2 RAM Ready status
47h
DSP3 RAM Ready
Indicates DSP3 RAM Ready status
48h
DSP4 RAM Ready
Indicates DSP4 RAM Ready status
Table 89 DSP Status and RAM Ready Indications
OPCLK AND OPCLK_ASYNC CLOCK OUTPUT
GPn_FN = 04h, 3Dh.
A clock output (OPCLK) derived from SYSCLK can be output on a GPIO pin. The OPCLK frequency
is controlled by OPCLK_DIV and OPCLK_SEL. The OPCLK output is enabled using the OPCLK_ENA
register, as described in Table 90.
A clock output (OPCLK_ASYNC) derived from ASYNCCLK can be output on a GPIO pin. The
OPCLK_ASYNC frequency is controlled by OPCLK_ASYNC_DIV and OPCLK_ASYNC_SEL. The
OPCLK_ASYNC output is enabled using the OPCLK_ASYNC_ENA register
It is recommended to disable the clock output (OPCLK_ENA=0 or OPCLK_ASYNC_ENA=0) before
making any change to the respective OPCLK_DIV, OPCLK_SEL, OPCLK_ASYNC_DIV or
OPCLK_ASYNC_SEL registers.
The OPCLK or OPCLK_ASYNC Clock outputs can be output directly on a GPIO pin by setting the
respective GPIO registers as described in “GPIO Control”.
Note that the OPCLK source frequency cannot be higher than the SYSCLK frequency. The
OPCLK_ASYNC source frequency cannot be higher than the ASYNCCLK frequency. The maximum
output frequency supported for GPIO output is noted in the “Electrical Characteristics”.
S
ee “Clocking and Sample Rates” for more details of the system clocks (SYSCLK and ASYNCCLK).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com