Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 234 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 234 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 230Page - Cirrus Logic WM8281ECS/R Datasheet HTML 231Page - Cirrus Logic WM8281ECS/R Datasheet HTML 232Page - Cirrus Logic WM8281ECS/R Datasheet HTML 233Page - Cirrus Logic WM8281ECS/R Datasheet HTML 234Page - Cirrus Logic WM8281ECS/R Datasheet HTML 235Page - Cirrus Logic WM8281ECS/R Datasheet HTML 236Page - Cirrus Logic WM8281ECS/R Datasheet HTML 237Page - Cirrus Logic WM8281ECS/R Datasheet HTML 238Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 392 page
background image
WM8281
234
Rev 4.0
GPn_FN
DESCRIPTION
COMMENTS
Status (Positive side)
0 = Normal
1 = Short Circuit detected
5Bh
HPOUT3L Short Circuit
Status (Negative side)
HPOUT3L Short Circuit status
0 = Normal
1 = Short Circuit detected
5Ch
HPOUT3R Short Circuit
Status (Negative side)
HPOUT3R Short Circuit status
0 = Normal
1 = Short Circuit detected
5Dh
HPOUT3L Short Circuit
Status (Positive side)
HPOUT3L Short Circuit status
0 = Normal
1 = Short Circuit detected
5Eh
HPOUT3R Short Circuit
Status (Positive side)
HPOUT3R Short Circuit status
0 = Normal
1 = Short Circuit detected
5Fh
SPKOUTL Short Circuit
Status
SPKOUTL Short Circuit status
0 = Normal
1 = Short Circuit detected
60h
SPKOUTR Short Circuit
Status
SPKOUTR Short Circuit status
0 = Normal
1 = Short Circuit detected
61h
Speaker Shutdown Status
Speaker Shutdown Status
0 = Normal
1 = Speaker Shutdown completed (due to Overheat
Temperature or Short Circuit condition)
Table 87 GPIO Function Select (GPIO1, GPIO2, GPIO3, GPIO4)
GPn_FN
DESCRIPTION
COMMENTS
00h
Reserved
01h
Button detect input / Logic
level output
GPn_DIR = 0: GPIO pin logic level is set by GPn_LVL.
GPn_DIR = 1: Button detect or logic level input.
02h
IRQ1 Output
Interrupt (IRQ1) output
0 = IRQ1 not asserted
1 = IRQ1 asserted
03h
IRQ2 Output
Interrupt (IRQ2) output
0 = IRQ2 not asserted
1 = IRQ2 asserted
04h
OPCLK Clock Output
Configurable clock output derived from SYSCLK
05h
FLL1 Clock
Clock output from FLL1
06h
FLL2 Clock
Clock output from FLL2
07h
Reserved
08h
PWM1 Output
Configurable Pulse Width Modulation output PWM1
09h
PWM2 Output
Configurable Pulse Width Modulation output PWM2
3Dh
OPCLK Async Clock
Output
Configurable clock output derived from ASYNCCLK
Table 88 GPIO Function Select (GPIO5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com