Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 220 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 220 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 216Page - Cirrus Logic WM8281ECS/R Datasheet HTML 217Page - Cirrus Logic WM8281ECS/R Datasheet HTML 218Page - Cirrus Logic WM8281ECS/R Datasheet HTML 219Page - Cirrus Logic WM8281ECS/R Datasheet HTML 220Page - Cirrus Logic WM8281ECS/R Datasheet HTML 221Page - Cirrus Logic WM8281ECS/R Datasheet HTML 222Page - Cirrus Logic WM8281ECS/R Datasheet HTML 223Page - Cirrus Logic WM8281ECS/R Datasheet HTML 224Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 392 page
background image
WM8281
220
Rev 4.0
LOW POWER SLEEP CONFIGURATION
The WM8281 supports a low-
power ‘Sleep’ mode, where most functions are disabled, and power
consumption is minimised. A selectable ‘Wake-Up’ event can be configured to return the device to full
operation and/or execute a specific response to the particular Wake-Up condition.
A Wake-Up event is triggered via hardware input pin(s); in typical applications, these inputs are
associated with jack insert (via the JACKDET analogue input) or external push-button detection (via
the GPIO5 digital input). A Wake-Up transition can also be triggered using the LDOENA pin to enable
LDO1 (assuming that DCVDD is supplied by LDO1).
The WM8281 enters Sleep mode when LDO1 is disabled, causing the DCVDD supply to be removed.
The AVDD, DBVDD1, and LDOVDD supplies must be present throughout the Sleep mode duration.
Note that it is assumed that DCVDD is supplied by LDO1; s
ee the “Charge Pumps, Regulators and
Voltage Reference
” for specific control requirements where DCVDD is not powered from LDO1.
SLEEP MODE
The WM8281 enters Sleep mode when LDO1 is disabled, causing the DCVDD supply to be removed.
(LDO1 can be controlled using the LDO1_ENA register bit, or using the LDOENA pin; both of these
controls must be de-asserted to disable the LDO. Note that, under certain circumstances -
see “Write
Sequence Control
” below - the LDO is controlled by writing to the _TRIG_STS register fields.) The
AVDD, DBVDD1, and LDOVDD supplies must be present throughout the Sleep mode; under these
conditions, and with LDO1 disabled, most of the Digital Core (and control registers) are held in reset.
For correct Sleep mode behaviour, the following register configuration is required before entering the
Sleep mode:
Write the value A210h to Register R13056 (3300h), and write 050Ch to Register R13057
(3301h). Note that SYSCLK must be enabled when writing to these registers. These
register writes only need to be executed once, at any suitable opportunity after Power-Up; it
is not necessary to repeat these register writes before each Sleep transition.
Write the value 0Bh to the LDO1_VSEL field in Register R528 (0210h). This register write is
required before every Sleep transition, and must be scheduled as the last register write
before whichever final action is used to command the WM8281 to Sleep mode. See
“Charge Pumps, Regulators and Voltage Reference” for details of the LDO1_VSEL field.
Note that it is assumed that DCVDD is supplied by LDO1; see the “Charge Pumps, Regulators and
Voltage Reference
” for specific control requirements where DCVDD is not powered from LDO1.
The system clocks (SYSCLK, ASYNCCLK) are not required in Sleep mode, and the external clock
inputs (MCLKn) may be stopped, except as described below.
If de-bounce is enabled on any of the configured Wake-Up signals (JACKDET or GPIO5), then the
32kHz clock must be active during Sleep mode (see “Clocking and Sample Rates”). The 32kHz clock
must be derived from the MCLK2 pin in this case. The 32kHz clock must be configured using
CLK_32K_ENA and CLK_32K_SRC before Sleep mode is entered.
The MCLK2 frequency limit in Sleep mode (see “Signal Timing Requirements”) must be observed
before entering Sleep mode, and maintained until after Wake-Up.
Selected functions and control registers are maintained via an
‘Always-On’ internal supply domain in
Sleep mode. The ‘Always-On’ control registers are listed in Table 81. These registers are maintained
(ie. not reset) in Sleep mode.
The CLK32K_ENA and CLK_32K_SRC registers are maintained in Sleep mode, but are reset to
default values on Wake-Up. The WM8281 can be configured to enable the 32kHz clock (derived from
MCLK2) automatically on Wake-Up; this may typically be required in applications where the 32kHz
clock has been maintained in Sleep mode. To enable the 32kHz clock on Wake-Up, write the value
C100h to Register R14202 (337Ah), and write 0041h to Register R14203 (337Bh). Note that SYSCLK
must be enabled when writing to these registers.
Note that the Control Interface is not supported in Sleep mode. Read/Write access to the ‘Always-On’
registers is not possible in Sleep mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com