Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 217 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 217 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 213Page - Cirrus Logic WM8281ECS/R Datasheet HTML 214Page - Cirrus Logic WM8281ECS/R Datasheet HTML 215Page - Cirrus Logic WM8281ECS/R Datasheet HTML 216Page - Cirrus Logic WM8281ECS/R Datasheet HTML 217Page - Cirrus Logic WM8281ECS/R Datasheet HTML 218Page - Cirrus Logic WM8281ECS/R Datasheet HTML 219Page - Cirrus Logic WM8281ECS/R Datasheet HTML 220Page - Cirrus Logic WM8281ECS/R Datasheet HTML 221Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 392 page
background image
WM8281
Rev 4.0
217
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R550
(0226h)
HP Ctrl 1R
2
HP1R_FLWR
1
HPOUT1R Voltage Follower mode
0 = Disabled
1 = Enabled
This bit must be set to 0 when the
Headphone Detection function is
enabled on HPOUT1R.
This bit is configured automatically when
HPOUT1R is enabled or disabled.
1
HP1R_SHRTI
1
HPOUT1R Input Clamp
0 = Disabled
1 = Enabled
This bit must be set to 0 when the
Headphone Detection function is
enabled on HPOUT1R.
This bit is configured automatically when
HPOUT1R is enabled or disabled.
0
HP1R_SHRTO
0
HPOUT1R Output Clamp
0 = Enabled
1 = Disabled
This bit must be set to 1 when the
Headphone Detection function is
enabled on HPOUT1R.
This bit is configured automatically when
HPOUT1R is enabled or disabled.
R659
(0293h)
Accessory
Detect
Mode 1
13
ACCDET_SRC
0
Accessory Detect / Headphone
Feedback pin select
0 = Accessory detect on MICDET1,
Headphone ground feedback on
HPOUT1FB1
1 = Accessory detect on MICDET2,
Headphone ground feedback on
HPOUT1FB2
2:0
ACCDET_MODE
[2:0]
00
Accessory Detect Mode Select
000 = Microphone detect (MICDETn,
discrete mode)
001 = Headphone detect (HPDETL)
010 = Headphone detect (HPDETR)
011 = Reserved
100 = Headphone detect (MICDETn)
101 = Reserved
110 = Reserved
111 = Microphone detect (MICDETn,
ADC mode)
Note that the MICDETn measurements
are implemented on either the MICDET1
or MICDET2 pins, depending on the
ACCDET_SRC register bit.
R667
(029Bh)
Headphone
Detect 1
10:9
HP_IMPEDANCE
_RANGE [1:0]
00
Headphone Detect Range
00 = 4 ohms to 30 ohms
01 = 8 ohms to 100 ohms
10 = 100 ohms to 1k ohms
11 = 1k ohms to 10k ohms
Only valid when ACCDET_MODE=001
or ACCDET_MODE=010.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com