Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 219 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 219 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 215Page - Cirrus Logic WM8281ECS/R Datasheet HTML 216Page - Cirrus Logic WM8281ECS/R Datasheet HTML 217Page - Cirrus Logic WM8281ECS/R Datasheet HTML 218Page - Cirrus Logic WM8281ECS/R Datasheet HTML 219Page - Cirrus Logic WM8281ECS/R Datasheet HTML 220Page - Cirrus Logic WM8281ECS/R Datasheet HTML 221Page - Cirrus Logic WM8281ECS/R Datasheet HTML 222Page - Cirrus Logic WM8281ECS/R Datasheet HTML 223Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 392 page
background image
WM8281
Rev 4.0
219
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1188
(04A4h)
HP Test Ctrl
1
1:0
HP1_TST_CAP_
SEL [1:0]
11
This field must be set to 01 when the
Headphone Detection function is
enabled on HPOUTL or HPOUTR.
This field must be set to 11 (default) at
all other times.
Table 80 Headphone Detect Control
MICDET1/HPOUT1FB2
Headphone Detect /
Impedance measurement
Headphone Detect selected by
ACCDET_MODE
HPDETL
HPDETR
HPOUT1L
HPOUT1R
4.7
4.7
MICDET1/HPOUT1FB2 or
HPOUT1FB1/MICDET2
selected by ACCDET_SRC
(Note: HPOUT1FB* ground
connection close to headset jack)
HPOUT1FB1/MICDET2
Figure 67 Headphone Detect Interface
The external connections for the Headphone Detect circuit are illustrated in Figure 67. Note that only
the HPOUT1L or HPOUT1R headphone outputs should be connected to HPDETL or HPDETR pins -
impedance measurement is not supported on HPOUT2L, HPOUT2R, HPOUT3L or HPOUT3R.
Note that, where external resistors are connected in series with the headphone load, as illustrated, it
is recommended that the HPDETn connection is to the headphone side of the resistors. If the
HPDETn connection is made to the WM8281
‘end’ of these resistors, this will lead to a corresponding
offset in the measured impedance.
Under default conditions, the measurement time varies between 17ms and 61ms according to the
impedance of the external load. A high impedance will be measured faster than a low impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com