Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 258 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 258 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 254Page - Cirrus Logic WM8281ECS/R Datasheet HTML 255Page - Cirrus Logic WM8281ECS/R Datasheet HTML 256Page - Cirrus Logic WM8281ECS/R Datasheet HTML 257Page - Cirrus Logic WM8281ECS/R Datasheet HTML 258Page - Cirrus Logic WM8281ECS/R Datasheet HTML 259Page - Cirrus Logic WM8281ECS/R Datasheet HTML 260Page - Cirrus Logic WM8281ECS/R Datasheet HTML 261Page - Cirrus Logic WM8281ECS/R Datasheet HTML 262Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 392 page
background image
WM8281
258
Rev 4.0
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
9
SYSCLK_ENA_L
OW_STS
0
SYSCLK_ENA Status
0 = SYSCLK_ENA is enabled
1 = SYSCLK_ENA is disabled
When a ‘0’ is written to SYSCLK_ENA,
then no other control register writes
should be attempted until
SYSCLK_ENA_LOW_STS=1.
8
ISRC1_CFG_ER
R_STS
0
ISRC1 Configuration Error Interrupt
0 = Normal
1 = Configuration Error
7
ISRC2_CFG_ER
R_STS
0
ISRC2 Configuration Error Interrupt
0 = Normal
1 = Configuration Error
6
ISRC3_CFG_ER
R_STS
0
ISRC3 Configuration Error Interrupt
0 = Normal
1 = Configuration Error
5
HP3R_DONE_ST
S
0
HPOUT3R Enable Status
0 = Busy (sequence in progress)
1 = Idle (sequence completed)
4
HP3L_DONE_ST
S
0
HPOUT3L Enable Status
0 = Busy (sequence in progress)
1 = Idle (sequence completed)
3
HP2R_DONE_ST
S
0
HPOUT2R Enable Status
0 = Busy (sequence in progress)
1 = Idle (sequence completed)
2
HP2L_DONE_ST
S
0
HPOUT2L Enable Status
0 = Busy (sequence in progress)
1 = Idle (sequence completed)
1
HP1R_DONE_ST
S
0
HPOUT1R Enable Status
0 = Busy (sequence in progress)
1 = Idle (sequence completed)
0
HP1L_DONE_ST
S
0
HPOUT1L Enable Status
0 = Busy (sequence in progress)
1 = Idle (sequence completed)
R3363
(0D23h)
Interrupt
Raw Status
4
8
BOOT_DONE_S
TS
0
Boot Status
0 = Busy (boot sequence in progress)
1 = Idle (boot sequence completed)
Control register writes should not be
attempted until Boot Sequence has
completed.
5
ADC_OVERFLO
W_STS
0
ADC Overflow Status
0 = Normal
1 = ADC Overflow
4
ADC_FIFO_OU_
STS
0
ADC FIFO Status
0 = Normal
1 = ADC FIFO Error
3
ASRC_CFG_ER
R_STS
0
ASRC Configuration Error Interrupt
0 = Normal
1 = Configuration Error
1
FLL2_CLOCK_O
K_STS
0
FLL2 Clock OK Interrupt
0 = FLL2 Clock is not OK
1 = FLL2 Clock is OK
0
FLL1_CLOCK_O
K_STS
0
FLL1 Clock OK Interrupt
0 = FLL1 Clock is not OK
1 = FLL1 Clock is OK
R3364
(0D24h)
13
PWM_OVERCLO
CKED_STS
0
Indicates an Overclocked Error condition
for each respective sub-system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com