Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 262 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 262 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 258Page - Cirrus Logic WM8281ECS/R Datasheet HTML 259Page - Cirrus Logic WM8281ECS/R Datasheet HTML 260Page - Cirrus Logic WM8281ECS/R Datasheet HTML 261Page - Cirrus Logic WM8281ECS/R Datasheet HTML 262Page - Cirrus Logic WM8281ECS/R Datasheet HTML 263Page - Cirrus Logic WM8281ECS/R Datasheet HTML 264Page - Cirrus Logic WM8281ECS/R Datasheet HTML 265Page - Cirrus Logic WM8281ECS/R Datasheet HTML 266Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 392 page
background image
WM8281
262
Rev 4.0
CLOCKING AND SAMPLE RATES
The WM8281 requires a clock reference for its internal functions and also for the input (ADC) paths,
output (DAC) paths and digital audio interfaces. Under typical clocking configurations, all commonly-
used audio sample rates can be derived directly from the external reference; for additional flexibility,
the WM8281 incorporates two Frequency Locked Loop (FLL) circuits to perform frequency conversion
and filtering.
External clock signals may be connected via MCLK1 and MCLK2. (These inputs are referenced to the
DBVDD1 power domain.) In AIF Slave modes, the BCLK signals may be used as a reference for the
system clocks. The SLIMbus interface can provide the clock reference, when used as the input to one
of the FLLs. To avoid audible glitches, all clock configurations must be set up before enabling
playback.
SYSTEM CLOCKING
The WM8281 supports two independent clock domains, referenced to the SYSCLK and ASYNCCLK
system clocks respectively.
Up to five different sample rates may be independently selected for specific audio interfaces and other
input/output signal paths. Each selected sample rate must be synchronised either to SYSCLK or to
ASYNCCLK, as described later.
The two system clocks are independent (ie. not synchronised). Stereo full-duplex sample rate
conversion is supported, allowing asynchronous audio data to be mixed and to be routed between
independent interfaces
. See “Digital Core” for further details.
Each subsystem within the WM8281 digital core is clocked at a dynamically-controlled rate, limited by
the SYSCLK (or ASYNCCLK) frequency, as applicable. For maximum signal mixing and processing
capacity, it is recommended that the highest possible SYSCLK and ASYNCCLK frequencies are
configured.
SAMPLE RATE CONTROL
The WM8281 supports two independent clock domains, referenced to SYSCLK and ASYNCCLK
respectively.
Different sample rates may be selected for each of the audio interfaces (AIF1, AIF2, AIF3, SLIMbus),
and for the input (ADC) and output (DAC) paths. Each of these must be referenced either to SYSCLK
or to ASYNCCLK. (Note that the SLIMbus interface supports multiple sample rates, selected
independently for each input or output channel.)
The WM8281 can support a maximum of five different sample rates at any time. The supported
sample rates range from 4kHz to 192kHz.
Up to three different sample rates can be selected using the SAMPLE_RATE_1, SAMPLE_RATE_2
and SAMPLE_RATE_3 registers. These must each be numerically related to each other and to the
SYSCLK frequency (further details of these requirements are provided in Table 99 and the
accompanying text).
The remaining two sample rates can be selected using the ASYNC_SAMPLE_RATE_1 and
ASYNC_SAMPLE_RATE_2 registers. These sample rates must be numerically related to each other
and to the ASYNCCLK frequency (further details of these requirements are provided in Table 100 and
the accompanying text),
Each of the audio interfaces, input paths and output paths is associated with one of the sample rates
selected by the SAMPLE_RATE_n or ASYNC_SAMPLE_RATE_n registers.
Note that if any two interfaces are operating at the same sample rate, but are not synchronised, then
one of these must be referenced to the ASYNCCLK domain, and the other to the SYSCLK domain.
Note that, when any of the SAMPLE_RATE_n or ASYNC_SAMPLE_RATE_n registers is written to,
the activation of the new setting is automatically synchronised by the WM8281 to ensure continuity of
all active signal paths. The SAMPLE_RATE_n_STS and ASYNC_SAMPLE_RATE_n_STS registers
provide readback of the sample rate selections that have been implemented.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com