Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 259 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 259 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 255Page - Cirrus Logic WM8281ECS/R Datasheet HTML 256Page - Cirrus Logic WM8281ECS/R Datasheet HTML 257Page - Cirrus Logic WM8281ECS/R Datasheet HTML 258Page - Cirrus Logic WM8281ECS/R Datasheet HTML 259Page - Cirrus Logic WM8281ECS/R Datasheet HTML 260Page - Cirrus Logic WM8281ECS/R Datasheet HTML 261Page - Cirrus Logic WM8281ECS/R Datasheet HTML 262Page - Cirrus Logic WM8281ECS/R Datasheet HTML 263Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 392 page
background image
WM8281
Rev 4.0
259
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
Interrupt
Raw Status
5
12
FX_CORE_OVE
RCLOCKED_ST
S
0
The bits are coded as:
0 = Normal
1 = Overclocked
The OVERCLOCKED_STS bit will be
asserted whenever any of these register
bits is asserted.
10
DAC_SYS_OVE
RCLOCKED_ST
S
0
9
DAC_WARP_OV
ERCLOCKED_S
TS
0
8
ADC_OVERCLO
CKED_STS
0
7
MIXER_OVERCL
OCKED_STS
0
6
AIF3_ASYNC_O
VERCLOCKED_
STS
0
5
AIF2_ASYNC_O
VERCLOCKED_
STS
0
4
AIF1_ASYNC_O
VERCLOCKED_
STS
0
3
AIF3_SYNC_OV
ERCLOCKED_S
TS
0
2
AIF2_SYNC_OV
ERCLOCKED_S
TS
0
1
AIF1_SYNC_OV
ERCLOCKED_S
TS
0
0
PAD_CTRL_OVE
RCLOCKED_ST
S
0
R3365
(0D25h)
Interrupt
Raw Status
6
15
SLIMBUS_SUBS
YS_OVERCLOC
KED_STS
0
Indicates an Overclocked Error condition
for each respective sub-system.
The bits are coded as:
0 = Normal
1 = Overclocked
The OVERCLOCKED_STS bit will be
asserted whenever any of these register
bits is asserted.
14
SLIMBUS_ASYN
C_OVERCLOCK
ED_STS
0
13
SLIMBUS_SYNC
_OVERCLOCKE
D_STS
0
12
ASRC_ASYNC_S
YS_OVERCLOC
KED_STS
0
11
ASRC_ASYNC_
WARP_OVERCL
OCKED_STS
0
10
ASRC_SYNC_SY
S_OVERCLOCK
ED_STS
0
9
ASRC_SYNC_W
ARP_OVERCLO
CKED_STS
0
8
DSP4_OVERCL
OCKED_STS
0
7
DSP3_OVERCL
OCKED_STS
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com