Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 263 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 263 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 259Page - Cirrus Logic WM8281ECS/R Datasheet HTML 260Page - Cirrus Logic WM8281ECS/R Datasheet HTML 261Page - Cirrus Logic WM8281ECS/R Datasheet HTML 262Page - Cirrus Logic WM8281ECS/R Datasheet HTML 263Page - Cirrus Logic WM8281ECS/R Datasheet HTML 264Page - Cirrus Logic WM8281ECS/R Datasheet HTML 265Page - Cirrus Logic WM8281ECS/R Datasheet HTML 266Page - Cirrus Logic WM8281ECS/R Datasheet HTML 267Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 392 page
background image
WM8281
Rev 4.0
263
There are some restrictions to be observed regarding the sample rate control configuration, as noted
below:
The input (ADC / Digital Microphone) and output (DAC) signal paths must always be
associated with the SYSCLK clocking domain.
All external clock references (MCLK input or Slave mode AIF input) must be within 1% of
the applicable register setting(s).
The input (ADC / DMIC) sample rate is valid from 8kHz to 192kHz. If 768kHz DMIC clock
rate is selected, then the supported sample rate is valid from 8kHz to 16kHz only.
The output (DAC) sample rate is valid from 8kHz to 192kHz.
The Mic Mute mixer sample rate is valid from 8kHz to 192kHz.
The Effects (EQ, DRC, LHPF) sample rate is valid from 8kHz to 192kHz. When the DRC is
enabled, the maximum sample rate for these functions is 96kHz.
The Tone Generator sample rate is valid from 8kHz to 192kHz.
The Haptic Signal Generator sample rate is valid from 8kHz to 192kHz.
The Asynchronous Sample Rate Converter (ASRC) supports sample rates 8kHz to 48kHz.
The associated SYSCLK and ASYNCLK sample rates must both be 8kHz to 48kHz.
The Isochronous Sample Rate Converters (ISRCs) support sample rates 8kHz to 192kHz.
For each ISRC, the higher sample rate must be an integer multiple of the lower rate.
AUTOMATIC SAMPLE RATE DETECTION
The WM8281 supports automatic sample rate detection on the digital audio interfaces (AIF1, AIF2
and AIF3). Note that this is only possible when the respective interface is operating in Slave mode (ie.
when LRCLK and BCLK are inputs to the WM8281).
Automatic sample rate detection is enabled using the RATE_EST_ENA register bit. The LRCLK input
pin selected for sample rate detection is set using the LRCLK_SRC register.
Up to four audio sample rates can be configured for automatic detection; these sample rates are
selected using the SAMPLE_RATE_DETECT_n registers. Note that the function will only detect
sample rates that match one of the SAMPLE_RATE_DETECT_n registers.
If one of the selected audio sample rates is detected on the selected LRCLK input, then a Control
Write Sequence will be triggered. A unique sequence of actions may be programmed for each of the
detected sample rates. Note that the applicable control sequences must be programmed by the user
for each detection outcome. See “Control Write Sequencer” for further details.
The TRIG_ON_STARTUP register controls whether the sample rate detection circuit responds to the
initial detection of the applicable interface (ie. when the AIFn interface starts up).
When TRIG_ON_STARTUP=0, then the detection circuit will only respond (ie. trigger the Control
Write Sequencer) to a change in the detected sample rate - the initial sample rate detection will be
ignored.
(Note that the ‘initial sample rate detection’ is the first detection of a sample rate that matches
one of the SAMPLE_RATE_DETECT_n registers.)
When TRIG_ON_STARTUP=1, then the detection circuit will trigger the Control Write Sequencer
whenever a selected sample rate is detected, including when the AIF interface starts up, or when the
sample rate detection is first enabled.
As described above, setting TRIG_ON_STARTUP=0 is designed to inhibit any response to the initial
detection of a sample rate that matches one of the SAMPLE_RATE_DETECT_n registers. Note that,
if the LRCLK_SRC setting is changed, or if the detection function is disabled and re-enabled, then a
subsequent detection of a matching sample rate may trigger the Control Write Sequencer, regardless
of the TRIG_ON_STARTUP setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com