Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 267 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 267 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 263Page - Cirrus Logic WM8281ECS/R Datasheet HTML 264Page - Cirrus Logic WM8281ECS/R Datasheet HTML 265Page - Cirrus Logic WM8281ECS/R Datasheet HTML 266Page - Cirrus Logic WM8281ECS/R Datasheet HTML 267Page - Cirrus Logic WM8281ECS/R Datasheet HTML 268Page - Cirrus Logic WM8281ECS/R Datasheet HTML 269Page - Cirrus Logic WM8281ECS/R Datasheet HTML 270Page - Cirrus Logic WM8281ECS/R Datasheet HTML 271Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 392 page
background image
WM8281
Rev 4.0
267
MISCELLANEOUS CLOCK CONTROLS
The WM8281 requires a 32kHz clock for miscellaneous de-bounce functions. This can be generated
automatically from SYSCLK, or may be input directly as MCLK1 or MCLK2. The 32kHz clock source
is selected using the CLK_32K_SRC register. The 32kHz clock is enabled using the CLK_32K_ENA
register.
The 32kHz clock can be maintained in Sleep mode, if required for de-bouncing any of the configured
Wake-Up signals (eg. JACKDET or GPIO5). Note that the 32kHz clock must be derived from the
MCLK2 pin in this case (CLK_32K_SRC=01). See “Low Power Sleep Configuration” for more details
of the Sleep mode.
A clock output (OPCLK) derived from SYSCLK can be output on a GPIO pin. See
“General Purpose
Input / Output
” to configure a GPIO pin for this function.
A clock output (OPCLK_ASYNC) derived from ASYNCCLK can be output on a GPIO pin. See
“General Purpose Input / Output” to configure a GPIO pin for this function.
The WM8281 provides integrated pull-down resistors on the MCLK1 and MCLK2 pins. This provides a
flexible capability for interfacing with other devices.
The clocking scheme for the WM8281 is illustrated in Figure 69.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com