Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 271 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 271 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 267Page - Cirrus Logic WM8281ECS/R Datasheet HTML 268Page - Cirrus Logic WM8281ECS/R Datasheet HTML 269Page - Cirrus Logic WM8281ECS/R Datasheet HTML 270Page - Cirrus Logic WM8281ECS/R Datasheet HTML 271Page - Cirrus Logic WM8281ECS/R Datasheet HTML 272Page - Cirrus Logic WM8281ECS/R Datasheet HTML 273Page - Cirrus Logic WM8281ECS/R Datasheet HTML 274Page - Cirrus Logic WM8281ECS/R Datasheet HTML 275Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 392 page
background image
WM8281
Rev 4.0
271
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
3:0
ASYNC_CLK_SR
C [3:0]
0101
ASYNCCLK Source
0000 = MCLK1
0001 = MCLK2
0010 = Reserved
0011 = Reserved
0100 = FLL1
0101 = FLL2
0111 = Reserved
1000 = AIF1BCLK
1001 = AIF2BCLK
1010 = AIF3BCLK
1011 to 1111 = Reserved
All other codes are Reserved
R275
(0113h)
Async
sample
rate 1
4:0
ASYNC_SAMPL
E_RATE_1 [4:0]
10001
ASYNC Sample Rate 1 Select
00h = None
01h = 12kHz
02h = 24kHz
03h = 48kHz
04h = 96kHz
05h = 192kHz
09h = 11.025kHz
0Ah = 22.05kHz
0Bh = 44.1kHz
0Ch = 88.2kHz
0Dh = 176.4kHz
10h = 4kHz
11h = 8kHz
12h = 16kHz
13h = 32kHz
All other codes are Reserved
R276
(0114h)
Async
sample
rate 2
4:0
ASYNC_SAMPL
E_RATE_2 [4:0]
10001
ASYNC Sample Rate 2 Select
Register coding is same as
ASYNC_SAMPLE_RATE_1.
R283
(011Bh)
Async
sample
rate 1
status
4:0
ASYNC_SAMPL
E_RATE_1_STS
[4:0]
00000
ASYNC Sample Rate 1 Status
(Read only)
Register coding is same as
ASYNC_SAMPLE_RATE_1.
R284
(011Ch)
Async
sample
rate 2
status
4:0
ASYNC_SAMPL
E_RATE_2_STS
[4:0]
00000
ASYNC Sample Rate 2 Status
(Read only)
Register coding is same as
ASYNC_SAMPLE_RATE_1.
R329
(0149h)
Output
system
clock
15
OPCLK_ENA
0
OPCLK Enable
0 = Disabled
1 = Enabled
7:3
OPCLK_DIV [4:0]
00h
OPCLK Divider
00h = Divide by 1
01h = Divide by 1
02h = Divide by 2
03h = Divide by 3
…
1Fh = Divide by 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com