Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 274 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 274 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 270Page - Cirrus Logic WM8281ECS/R Datasheet HTML 271Page - Cirrus Logic WM8281ECS/R Datasheet HTML 272Page - Cirrus Logic WM8281ECS/R Datasheet HTML 273Page - Cirrus Logic WM8281ECS/R Datasheet HTML 274Page - Cirrus Logic WM8281ECS/R Datasheet HTML 275Page - Cirrus Logic WM8281ECS/R Datasheet HTML 276Page - Cirrus Logic WM8281ECS/R Datasheet HTML 277Page - Cirrus Logic WM8281ECS/R Datasheet HTML 278Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 392 page
background image
WM8281
274
Rev 4.0
BCLK AND LRCLK CONTROL
The digital audio interfaces (AIF1, AIF2 and AIF3) use BCLK and LRCLK signals for synchronisation.
In master mode, these are output signals, generated by the WM8281. In slave mode, these are input
signals to the WM8281. It is also possible to support mixed master/slave operation.
The BCLK and LRCLK signals are controlled as illustrated in Figure 70
. See the “Digital Audio
Interface Control
” section for further details of the relevant control registers.
Note that the BCLK and LRCLK signals are synchronised to SYSCLK or ASYNCLK, depending upon
the applicable clocking domain for the respective interface. See
“Digital Core” for further details.
AIF1_BCLK_FREQ [4:0]
f/N
AIF1BCLK
AIF1LRCLK
AIF1RX_BCPF [12:0]
f/N
GPIO1
(AIF1TXLRCLK)
AIF1TX_BCPF [12:0]
SYSCLK
MASTER
MODE
CLOCK
OUTPUTS
f/N
AIF1_BCLK_MSTR
AIF1RX_LRCLK_MSTR
AIF1TX_LRCLK_MSTR
AIF2_BCLK_FREQ [4:0]
f/N
AIF2BCLK
AIF2LRCLK
AIF2RX_BCPF [12:0]
f/N
GPIO2
(AIF2TXLRCLK)
AIF2TX_BCPF [12:0]
MASTER
MODE
CLOCK
OUTPUTS
f/N
AIF2_BCLK_MSTR
AIF2RX_LRCLK_MSTR
AIF2TX_LRCLK_MSTR
AIF3_BCLK_FREQ [4:0]
f/N
AIF3BCLK
AIF3LRCLK
AIF3RX_BCPF [12:0]
f/N
GPIO3
(AIF3TXLRCLK)
AIF3TX_BCPF [12:0]
MASTER
MODE
CLOCK
OUTPUTS
f/N
AIF3_BCLK_MSTR
AIF3RX_LRCLK_MSTR
AIF3TX_LRCLK_MSTR
ASYNCCLK
The clock reference for each AIF is SYSCLK or ASYNCCLK
AIFn is clocked from SYSCLK if AIFn_RATE < 1000
AIFn is clocked from ASYNCCLK if AIFn_RATE >= 1000
(see note below)
(see note below)
(see note below)
Figure 70 BCLK and LRCLK Control
CONTROL INTERFACE CLOCKING
Register map access is possible with or without a system clock. Clocking is provided from SYSCLK,
when available; the SYSCLK_SRC register selects the applicable SYSCLK source.
See “Control Interface” for further details of control register access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com