Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 276 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 276 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 272Page - Cirrus Logic WM8281ECS/R Datasheet HTML 273Page - Cirrus Logic WM8281ECS/R Datasheet HTML 274Page - Cirrus Logic WM8281ECS/R Datasheet HTML 275Page - Cirrus Logic WM8281ECS/R Datasheet HTML 276Page - Cirrus Logic WM8281ECS/R Datasheet HTML 277Page - Cirrus Logic WM8281ECS/R Datasheet HTML 278Page - Cirrus Logic WM8281ECS/R Datasheet HTML 279Page - Cirrus Logic WM8281ECS/R Datasheet HTML 280Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 392 page
background image
WM8281
276
Rev 4.0
MCLK2
MCLK1
FLLn_REFCLK_SRC
(270MHz
≤ Fvco ≤ 312MHz)
FVCO
FOUT
Divide by
FLLn_OUTDIV
Divide by 2, 3 .. 7
FLLn_ENA
(FLL Enable)
FLLn,
AIFnBCLK,
AIFnRXLRCLK
Divide by 1, 2, 4 or 8
Divide by
FLLn_REFCLK_DIV
FREF < 13.5MHz
FREF
Multiply by
N.K
Multiply by
FLLn_FRATIO
Multiply by
1, 2, 3
… 16
x3
Main FLL path
FLLn_SYNCCLK_SRC
N.K = FLLn_N +
FLLn_THETA
FLLn_LAMBDA
N.K (Sync) = FLLn_SYNC_N +
FLLn_SYNC_THETA
FLLn_SYNC_LAMBDA
FLLn_SYNC_ENA
(FLL Synchroniser Enable)
SLIMCLK
SLIMCLK_REF_GEAR
Automatic
Divider
Divide by
FLLn_SYNCCLK_DIV
Divide by 1, 2, 4 or 8
FSYNC < 13.5MHz
FSYNC
Multiply by
N.K (Sync)
Multiply by
FLLn_SYNC_
FRATIO
Multiply by
1, 2, 4, 8 or 16
x3
FLL Synchroniser path
FGPIO
Divide by 7, 8 .. 127
Divide by
FLLn_GPCLK_DIV
Figure 71 FLL Configuration
The procedure for configuring the FLL is described below. Note that the configuration of the main FLL
path and the FLL Synchroniser path are very similar. One or both paths must be configured,
depending on the application requirements:
If a single clock input reference is used, then only the main FLL path should be used.
If the input reference to the main FLL is intermittent, or may be interrupted unexpectedly,
then only the main FLL path should be used.
If two clock input references are used, then the constant or low-noise clock is configured on
the main FLL path, and the high-accuracy clock is configured on the FLL synchroniser path.
Note that the synchroniser input must be synchronous with the audio data.
The following description is applicable to FLL1 and FLL2. The associated register control fields are
described in Table 106 and Table 107 respectively.
The main input reference is selected using FLLn_REFCLK_SRC. The synchroniser input reference is
selected using FLLn_SYNCCLK_SRC. The available options in each case comprise MCLK1, MCLK2,
SLIMCLK, AIFnBCLK, AIFnRXLRCLK, or the output from another FLL.
The SLIMCLK reference is controlled by an adaptive divider on the external SLIMCLK input. The
divider automatically adapts to the SLIMbus Clock Gear, to provide a constant reference frequency for
the FLL. See “SLIMbus Interface Control” for details.
The FLLn_REFCLK_DIV field controls a programmable divider on the main input reference. The
FLLn_SYNCCLK_DIV field controls a programmable divider on the synchroniser input reference.
Each input can be divided by 1, 2, 4 or 8. These registers should be set to bring each reference down
to 13.5MHz or below. For best performance, it is recommended that the highest possible frequency -
within the 13.5MHz limit - should be selected. (Note that additional guidelines also apply, as described
below.)
The FLL output frequency, relative to the main input reference FREF, is directly determined from
FLLn_FRATIO, FLLn_OUTDIV and the real number represented by N.K.
The integer value, N, is held in the FLLn_N register field. The fractional portion, K, is determined by
the ratio FLLn_THETA / FLLn_LAMBDA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com