Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 279 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 279 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 275Page - Cirrus Logic WM8281ECS/R Datasheet HTML 276Page - Cirrus Logic WM8281ECS/R Datasheet HTML 277Page - Cirrus Logic WM8281ECS/R Datasheet HTML 278Page - Cirrus Logic WM8281ECS/R Datasheet HTML 279Page - Cirrus Logic WM8281ECS/R Datasheet HTML 280Page - Cirrus Logic WM8281ECS/R Datasheet HTML 281Page - Cirrus Logic WM8281ECS/R Datasheet HTML 282Page - Cirrus Logic WM8281ECS/R Datasheet HTML 283Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 392 page
background image
WM8281
Rev 4.0
279
A similar procedure applies for the deriviation of the FLL Synchroniser parameters - assuming that
this function is used.
The FLLn_SYNC_FRATIO field selects the frequency division ratio of the FLL synchroniser input. The
FLLn_GAIN and FLLn_SYNC_DFSAT fields are used to optimise the FLL, according to the input
frequency. These fields should be set as described in Table 105.
Note that the FLLn_SYNC_FRATIO register coding is not the same as the FLLn_FRATIO register.
SYNCHRONISER
FREQUENCY FSYNC
FLLn_SYNC_FRATIO
FLLn_SYNC_GAIN
FLLn_SYNC_DFSAT
1MHz - 13.5MHz
0h (divide by 1)
4h (16x gain)
0 (wide bandwidth)
256kHz - 1MHz
1h (divide by 2)
2h (4x gain)
0 (wide bandwidth)
128kHz - 256kHz
2h (divide by 4)
0h (1x gain)
0 (wide bandwidth)
64kHz - 128kHz
3h (divide by 8)
0h (1x gain)
1 (narrow bandwidth)
Less than 64kHz
4h (divide by 16)
0h (1x gain)
1 (narrow bandwidth)
Table 105 Selection of FLLn_SYNC_FRATIO, FLLn_SYNC_GAIN, FLLn_SYNC_DFSAT
The FLL operating frequency, FVCO, is the same frequency calculated as described above.
The value of N.K (Sync) can then be determined as follows:
N.K (Sync) = FVCO / (FLLn_SYNC_FRATIO x 3 x FSYNC)
Note that, in the above equations:
FSYNC is the synchroniser input frequency, after division by FLLn_SYNCCLK_DIV, where
applicable.
FLLn_SYNC_FRATIO is the FVCO clock ratio (1, 2, 4, 8 or 16).
The value of N (Sync) is held in the FLLn_SYNC_N register field.
The value of K (Sync) is determined by the ratio FLLn_SYNC_THETA / FLLn_SYNC_LAMBDA.
The FLLn_SYNC_N, FLLn_SYNC_THETA and FLLn_SYNC_LAMBDA fields are all coded as
integers (LSB = 1).
In Fractional Mode (FLLn_THETA > 0), the register fields FLLn_THETA and FLLn_LAMBDA can be
calculated as described below.
Note that an equivalent procedure is also used to derive the FLLn_SYNC_THETA and
FLLn_SYNC_LAMBDA register values from the corresponding synchroniser parameters.
Calculate GCD(FLL) using the ‘Greatest Common Denominator’ function:
GCD(FLL) = GCD(FLLn_FRATIO x FREF, FVCO / 3)
where GCD(x, y) is the greatest common denominator of x and y
FREF is the input frequency, after division by FLLn_REFCLK_DIV, where applicable.
Next, calculate FLLn_THETA and FLLn_LAMBDA using the following equations:
FLLn_THETA = ((FVCO / 3) - (FLL_N x FLLn_FRATIO x FREF)) / GCD(FLL)
FLLn_LAMBDA = (FLLn_FRATIO x FREF) / GCD(FLL)
Note that, in Fractional Mode, the values of FLLn_THETA and FLLn_LAMBDA must be co-prime (ie.
not divisible by any common integer). The calculation above ensures that the values will be co-prime.
The value of K must be a fraction less than 1 (ie. FLLn_THETA must be less than FLLn_LAMBDA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com