Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 277 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 277 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 273Page - Cirrus Logic WM8281ECS/R Datasheet HTML 274Page - Cirrus Logic WM8281ECS/R Datasheet HTML 275Page - Cirrus Logic WM8281ECS/R Datasheet HTML 276Page - Cirrus Logic WM8281ECS/R Datasheet HTML 277Page - Cirrus Logic WM8281ECS/R Datasheet HTML 278Page - Cirrus Logic WM8281ECS/R Datasheet HTML 279Page - Cirrus Logic WM8281ECS/R Datasheet HTML 280Page - Cirrus Logic WM8281ECS/R Datasheet HTML 281Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 392 page
background image
WM8281
Rev 4.0
277
The FLL output frequency is generated according to the following equation:
FOUT = (FVCO / FLLn_OUTDIV)
The FLL operating frequency, FVCO is set according to the following equation:
FVCO = (FREF x 3 x N.K x FLLn_FRATIO)
FREF is the input frequency, as determined by FLLn_REFCLK_DIV.
When the FLL output is selected as the SYSCLK or ASYNCCLK source, then FVCO must be exactly
294.912MHz (for 48kHz-related sample rates) or 270.9504MHz (for 44.1kHz-related sample rates).
Note that the output frequencies that do not lie on or between the frequencies quoted above cannot
be guaranteed across the full range of device operating conditions.
In order to follow the above requirements for FVCO, the value of FLLn_OUTDIV should be selected
according to the desired output FOUT. The divider, FLLn_OUTDIV, must be set so that FVCO is in the
range 270MHz to 295MHz. The available divisions are integers from 2 to 7. Some typical settings of
FLLn_OUTDIV are noted in Table 102.
OUTPUT FREQUENCY FOUT
FLLn_OUTDIV
45 MHz to 52 MHz
110 (divide by 6)
67.5 MHz to 78 MHz
100 (divide by 4)
90 MHz to 104 MHz
011 (divide by 3)
135 MHz to 150 MHz
010 (divide by 2)
Table 102 Selection of FLLn_OUTDIV
The FLLn_FRATIO field selects the frequency division ratio of the FLL input. The FLLn_GAIN field is
used to optimise the FLL, according to the input frequency. As a general guide, these fields should be
selected as described in Table 103. (Note that additional guidelines also apply, as described below.)
REFERENCE
FREQUENCY FREF
FLLn_FRATIO
FLLn_GAIN
1MHz - 13.5MHz
0h (divide by 1)
4h (16x gain)
256kHz - 1MHz
1h (divide by 2)
2h (4x gain)
128kHz - 256kHz
3h (divide by 4)
0h (1x gain)
64kHz - 128kHz
7h (divide by 8)
0h (1x gain)
Less than 64kHz
Fh (divide by 16)
0h (1x gain)
Table 103 Selection of FLLn_FRATIO and FLLn_GAIN
In order to determine the remaining FLL parameters, the FLL operating frequency, FVCO, must be
calculated, as given by the following equation:
FVCO = (FOUT x FLLn_OUTDIV)
The value of N.K can then be determined as follows:
N.K = FVCO / (FLLn_FRATIO x 3 x FREF)
Note that, in the above equations:
FLLn_OUTDIV is the FOUT clock ratio.
FREF is the input frequency, after division by FLLn_REFCLK_DIV, where applicable.
FLLn_FRATIO is the FVCO
clock ratio (1, 2, 3 … 16).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com