Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 275 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 275 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 271Page - Cirrus Logic WM8281ECS/R Datasheet HTML 272Page - Cirrus Logic WM8281ECS/R Datasheet HTML 273Page - Cirrus Logic WM8281ECS/R Datasheet HTML 274Page - Cirrus Logic WM8281ECS/R Datasheet HTML 275Page - Cirrus Logic WM8281ECS/R Datasheet HTML 276Page - Cirrus Logic WM8281ECS/R Datasheet HTML 277Page - Cirrus Logic WM8281ECS/R Datasheet HTML 278Page - Cirrus Logic WM8281ECS/R Datasheet HTML 279Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 275 / 392 page
background image
WM8281
Rev 4.0
275
FREQUENCY LOCKED LOOP (FLL)
Two integrated FLLs are provided to support the clocking requirements of the WM8281. These can be
enabled and configured independently according to the available reference clocks and the application
requirements. The reference clock may be a high frequency (eg. 12.288MHz) or low frequency (eg.
32.768kHz).
The FLL is tolerant of jitter and may be used to generate a stable output clock from a less stable input
reference. The FLL characteristics are summarised in “Electrical Characteristics”. Note that the FLL
can be used to generate a free-running clock in the absence of an external reference source. This is
described in the “Free-Running FLL Mode” section below. Configurable spread-spectrum modulation
can be applied to the FLL outputs, to control EMI effects.
Each of the FLLs comprises two sub-systems -
the ‘main’ loop and the ‘synchroniser’ loop; these can
be used together to maintain best frequency accuracy and noise (jitter) performance across multiple
use-cases. The two-loop design enables the FLL to synchronise effectively to an input clock that may
be intermittent or noisy, whilst also achieving the performance benefits of a stable clock reference that
may be asynchronous to the audio data.
The main loop takes a constant and stable clock reference as its input. For best performance, a high
frequency (eg. 12.288MHz) reference is recommended. The main FLL loop will free-run without any
clock reference if the input signal is removed; it can also be configured to initiate an output in the
absence of any reference signal.
The synchroniser loop takes a separate clock reference as its input. The synchroniser input may be
intermittent (eg. during voice calls only). The FLL uses the synchroniser input, when available, as the
frequency reference. To achieve the designed performance advantage, the synchroniser input must
be synchronous with the audio data.
Note that, if only a single clock input reference is used, this must be configured as the main FLL input
reference. The synchroniser should be disabled in this case.
The synchroniser loop should only be used when the main loop clock reference is present. If the input
reference to the main FLL is intermittent, or may be interrupted unexpectedly, then the synchroniser
should be disabled.
The FLL is enabled using the FLLn_ENA register bit (where n = 1 or 2 for the corresponding FLL).
The FLL Synchroniser is enabled using the FLLn_SYNC_ENA register bit.
Note that the other FLL registers should be configured before enabling the FLL; the FLLn_ENA and
FLLn_SYNC_ENA register bits should be set as the final step of the FLLn enable sequence.
The FLL supports configurable free-running operation, using the FLLn_FREERUN register bits
described in the next section. Note that, once the FLL output has been established, the FLL will
always free-run when the input reference clock is stopped, regardless of the FLLn_FREERUN bits.
To disable the FLL while the input reference clock has stopped, the respective FLLn_FREERUN bit
must be set to ‘1’, before setting the FLLn_ENA bit to ‘0’.
When changing FLL settings, it is recommended that the digital circuit be disabled via FLLn_ENA and
then re-enabled after the other register settings have been updated. When changing the input
reference frequency FREF, it is recommended that the FLL be reset by setting FLLn_ENA to 0.
Note that some of the FLL configuration registers can be updated while the FLL is enabled, as
described below. As a general rule, however, it is recommended to configure the FLL (and FLL
Synchroniser, if applicable), before setting the corresponding _ENA register bit(s).
The FLL configuration requirements are illustrated in Figure 71.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com